Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

30KP160A Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

30KP160A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
No. de pieza 30KP160A
Descarga  30KP160A Descarga
Tamaño del archivo   421.82 Kbytes
Page   4 Pages
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Descripción Electrónicos Glass Passivated Junction Transient Voltage Suppressor

30KP160A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
30KP160A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza 30KP160A
Descarga  30KP160A Click to download

Tamaño del archivo   421.82 Kbytes
Page   4 Pages
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Descripción Electrónicos Glass Passivated Junction Transient Voltage Suppressor

30KP160A Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


30KP160A Detalles de producto

FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
30000W Peak Pulse Power
capability on 10/1000 μs waveform
Excellent clamping capability
Repetition rate (duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less
than 1.0 ps from 0 volts to BV
Typical Id less than 1μA above 10V
High temperature soldering guaranteed:
265°C/10 seconds/.375", (9.5mm) lead
length, 5lbs., (2.3kg) tension




Número de pieza similar - 30KP160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
30KP160A MICROSEMI-30KP160A Datasheet
188Kb / 3P
30kW Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
30KP160A MDE-30KP160A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
30KP160A EIC-30KP160A Datasheet
125Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP160A MCC-30KP160A Datasheet
237Kb / 3P
30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
New Jersey Semi-Conduct...
30KP160A NJSEMI-30KP160A Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Descripción similar - 30KP160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
15KP17A MDE-15KP17A Datasheet
38Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com