Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC-HCT283 Datasheet (PDF) - NXP Semiconductors

74HC-HCT283 Datasheet PDF - NXP Semiconductors
No. de pieza 74HC-HCT283
Descarga  74HC-HCT283 Descarga
Tamaño del archivo   65.51 Kbytes
Page   8 Pages
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Descripción Electrónicos 4-bit binary full adder with fast carry

74HC-HCT283 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74HC-HCT283 Datasheet PDF - NXP Semiconductors

No. de pieza 74HC-HCT283
Descarga  74HC-HCT283 Click to download

Tamaño del archivo   65.51 Kbytes
Page   8 Pages
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Descripción Electrónicos 4-bit binary full adder with fast carry

74HC-HCT283 Datasheet (HTML) - NXP Semiconductors


74HC-HCT283 Detalles de producto

FEATURES
· High-speed 4-bit binary addition
· Cascadable in 4-bit increments
· Fast internal look-ahead carry
· Output capability: standard
· ICC category: MSI

GENERAL DESCRIPTION
The 74HC/HCT283 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT283 add two 4-bit binary words (An plus Bn)
plus the incoming carry. The binary sum appears on the
sum outputs (å1 to å4) and the out-going carry (COUT)
according to the equation:
CIN + (A1 + B1) + 2(A2 + B2) + +4(A3 + B3) + 8(A4 + B4) =
= å1 + 2å2 + 4å3 + 8å4 + 16COUT
Where (+) = plus.
Due to the symmetry of the binary add function, the “283”
can be used with either all active HIGH operands (positive
logic) or all active LOW operands (negative logic); see
function table. In case of all active LOW operands the
results å1 to å4 and COUT should be interpreted also as
active LOW. With active HIGH inputs, CIN must be held
LOW when no “carry in” is intended. Interchanging inputs
of equal weight does not affect the operation, thus CIN, A1,
B1 can be assigned arbitrarily to pins 5, 6, 7, etc.
See the “583” for the BCD version.




Número de pieza similar - 74HC-HCT283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYC Electronica
74HC-HCT20 SYC-74HC-HCT20 Datasheet
90Kb / 6P
Dual 4-input NAND gate
December 1990
74HC-HCT221 SYC-74HC-HCT221 Datasheet
295Kb / 15P
Dual non-retriggerable monostable multivibrator with reset
December 1990
74HC-HCT238 SYC-74HC-HCT238 Datasheet
170Kb / 18P
3-to-8 line decoder/demultiplexer
July 2007
74HC-HCT240 SYC-74HC-HCT240 Datasheet
169Kb / 18P
Octal buffer/line driver; 3-state; inverting
August 2007
74HC-HCT244 SYC-74HC-HCT244 Datasheet
164Kb / 22P
Octal buffer/line driver; 3-state
December 2005
More results


Descripción similar - 74HC-HCT283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
4-bit binary full adder with fast carry
December 1990
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
4-bit Binary Full Adder with Fast Carry
More results




Acerca de NXP Semiconductors


NXP Semiconductors es una empresa multinacional que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de semiconductores y circuitos integrados para diversas aplicaciones, incluidos los mercados automotrices, industriales, de comunicaciones y de consumo.
La compañía fue fundada en 2006 y tiene su sede en Eindhoven, Países Bajos.
NXP ofrece una amplia cartera de productos, incluidos microcontroladores, microprocesadores, IC de autenticación seguros, ICS de administración de energía, componentes de RF y microondas, y soluciones de sensores, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, seguros y confiables, y se utilizan en una variedad de aplicaciones, incluidos sistemas automotrices, automatización y control industrial, casas y edificios inteligentes, y dispositivos conectados.
NXP se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes las mejores soluciones de semiconductores para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com