Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPER3231 Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CPER3231 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
No. de pieza CPER3231
Descarga  CPER3231 Descarga
Tamaño del archivo   588.93 Kbytes
Page   4 Pages
Fabricante Electrónico  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Página de inicio  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Descripción Electrónicos High Current Power Inductor

CPER3231 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CPER3231 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

No. de pieza CPER3231
Descarga  CPER3231 Click to download

Tamaño del archivo   588.93 Kbytes
Page   4 Pages
Fabricante Electrónico  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Página de inicio  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Descripción Electrónicos High Current Power Inductor

CPER3231 Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CPER3231 Detalles de producto

Outline:
▪ Excellent DC bias capability to handle instantaneous peak current.
▪ Flat wire winding, achieving very low DC resistance.
▪ The inductance value and dc bias characteristic are little affected by temperature.
▪ Magnetic shield structure, strong anti-electromagnetic interference ability.

Features:
▪ Core material:Composite
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Environmental:RoHS compliant, halogen free
▪ Weight:127.9 g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -55℃~+150℃
(including coil’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃

Application:
▪ PV inverter/ Industrial control/ New energy
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators




Número de pieza similar - CPER3231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
CPE LSTD-CPE Datasheet
125Kb / 2P
Low dielectric loss
logo
CUI INC
CPE-120 CUI-CPE-120 Datasheet
218Kb / 5P
piezo audio transducer
CPE-120 CUI-CPE-120 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
logo
CUI Devices
CPE-120 CUID-CPE-120 Datasheet
282Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPE-120 CUI-CPE-120_V01 Datasheet
306Kb / 3P
PIEZO BUZZER TRANSDUCER
04/28/2020
More results


Descripción similar - CPER3231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com