Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS22T3G Datasheet (PDF) - ON Semiconductor

SS22T3G Datasheet PDF - ON Semiconductor
No. de pieza SS22T3G_V01
Descarga  SS22T3G Descarga
Tamaño del archivo   201.57 Kbytes
Page   6 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package

SS22T3G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SS22T3G Datasheet PDF - ON Semiconductor

No. de pieza SS22T3G_V01
Descarga  SS22T3G Click to download

Tamaño del archivo   201.57 Kbytes
Page   6 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package

SS22T3G Datasheet (HTML) - ON Semiconductor


SS22T3G Detalles de producto

These devices employ the Schottky Barrier principle in a
metal−to−silicon power rectifier. Features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies; free wheeling
diodes and polarity protection diodes.

Features
• Compact Package with J−Bend Leads Ideal for Automated Handling
• Highly Stable Oxide Passivated Junction
• Guardring for Over−Voltage Protection
• Low Forward Voltage Drop
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free and are RoHS Compliant

Mechanical Characteristics
• Case: Molded Epoxy
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight: 95 mg (approximately)
• Cathode Polarity Band
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Available in 12 mm Tape, 2500 Units per 13 in Reel, Add “T3”
Suffix to Part Number
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B




Número de pieza similar - SS22T3G_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G_V02 Datasheet
187Kb / 6P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2024 - Rev. 10
More results


Descripción similar - SS22T3G_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MBRS140LT3 MOTOROLA-MBRS140LT3 Datasheet
139Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Mount Power Package)
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRS2040LT3G ONSEMI-MBRS2040LT3G Datasheet
307Kb / 6P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
December, 2019 - Rev. 6
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com