Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AO1378 Datasheet (PDF) - AiT Semiconductor Inc.

AO1378 Datasheet PDF - AiT Semiconductor Inc.
No. de pieza AO1378
Descarga  AO1378 Descarga
Tamaño del archivo   1000.23 Kbytes
Page   13 Pages
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Descripción Electrónicos 1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER

AO1378 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AO1378 Datasheet PDF - AiT Semiconductor Inc.

No. de pieza AO1378
Descarga  AO1378 Click to download

Tamaño del archivo   1000.23 Kbytes
Page   13 Pages
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Descripción Electrónicos 1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER

AO1378 Datasheet (HTML) - AiT Semiconductor Inc.


AO1378 Detalles de producto

DESCRIPTION
The AO1378 amplifier is a new generation of zero-drift, micro-power, CMOS operational amplifiers, the AO1378 offer bandwidth of 1.8MHz, rail-to-rail inputs and outputs, and single-supply operation from 1.8V to 5.5V. The Combination of low input voltage noise, high gain bandwidth (1.8MHz) and low power (180μA) enable AO1378 to achieve optimum performance for low-power precision applications.
The AO1378 uses chopper stabilized technique to provide very low offset voltage (less than 5μV maximum) and near zero drift over temperature. Low quiescent supply current of 180μA per amplifier and very low input bias current of 20pA make the devices an ideal choice for low offset, low power consumption and high impedance applications. The AO1378 offers excellent CMRR without the crossover associated with traditional complementary input stages. This design results in superior performance for driving analog-to-digital converters (ADCs) without degradation of differential linearity.
The AO1378 is available in SOT-25 and SOP8 packages.

FEATURES
⚫ Single Supply Operation from +1.8V ~ +5.5V
⚫ Rail to Rail Input / Output
⚫ Gain Bandwidth Product: 1.8MHz (Typ. @25 C)
⚫ Low Input Bias Current: 20pA (Typ. @25 C)
⚫ Low Offset Volta ge: 30 μ V (Max. @25 C)
⚫ Quiescent Current: 180 μ A per Amplifier (Typ)
⚫ Operating Temperature: 45 C ~ +125 C
⚫ Zero Drift: 0.03 μ C (Typ)
⚫ Embedded RF Anti EMI Filter
⚫ Available in SOT-25 and SOP8 p ack age s

APPLICATION
⚫ Po rtable Medi cal Devices
-
Glucose Meters
-
Oxygen Metering
-
Hea t Rate Monitors
⚫ Weigh t Scales
⚫ Battery Pow ered Instruments
⚫ Thermopile Mo dules
⚫ Handheld Test Equipme n t
⚫ Sensor Signal Conditi oning
⚫ Transducer Application
⚫ Temperature Measurements




Número de pieza similar - AO1378

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
AO1376 AITSEMI-AO1376 Datasheet
1Mb / 15P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS
REV1.0
AO1376C5R AITSEMI-AO1376C5R Datasheet
1Mb / 15P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS
REV1.0
AO1376C5VR AITSEMI-AO1376C5VR Datasheet
1Mb / 15P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS
REV1.0
AO1376E5R AITSEMI-AO1376E5R Datasheet
1Mb / 15P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS
REV1.0
AO1376E5VR AITSEMI-AO1376E5VR Datasheet
1Mb / 15P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION SINGLE OPAMPS
REV1.0
More results


Descripción similar - AO1378

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5732 E-CMOS-EC5732 Datasheet
856Kb / 13P
350kHz, Low Power ,Zero-Drift, CMOS, Dual Rail-to-Rail Operational Amplifier with RF Filter
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LMV321 HMSEMI-LMV321 Datasheet
1Mb / 16P
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO321V AITSEMI-AO321V Datasheet
1Mb / 14P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com