Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZC399-04S Datasheet (PDF) - AMAZING Microelectronic Corp.

AZC399-04S Datasheet PDF - AMAZING Microelectronic Corp.
No. de pieza AZC399-04S
Descarga  AZC399-04S Descarga
Tamaño del archivo   325.12 Kbytes
Page   13 Pages
Fabricante Electrónico  AMAZING [AMAZING Microelectronic Corp.]
Página de inicio  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Descripción Electrónicos Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZC399-04S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AZC399-04S Datasheet PDF - AMAZING Microelectronic Corp.

No. de pieza AZC399-04S
Descarga  AZC399-04S Click to download

Tamaño del archivo   325.12 Kbytes
Page   13 Pages
Fabricante Electrónico  AMAZING [AMAZING Microelectronic Corp.]
Página de inicio  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Descripción Electrónicos Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZC399-04S Datasheet (HTML) - AMAZING Microelectronic Corp.


AZC399-04S Detalles de producto

Features
 ESD Protect for 4 high-speed I/O channels
 Provide ESD protection for each channel to
IEC 61000-4-2 (ESD) ±27kV (air), ±17kV (contact)
IEC 61000-4-4 (EFT) 60A (5/50ns)
IEC 61000-4-5 (Lightning) 10A (8/20μs)
 For low operating voltage applications: 5V,
4.2V, 3.3V, 2.5V
 Low capacitance : 1.4pF typical
 Fast turn-on and Low clamping voltage
 Array of surge rated diodes with internal
equivalent TVS diode
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Video Graphics Cards
 USB2.0 Power and Data lines protection
 Notebook and PC Computers
 Monitors and Flat Panel Displays
 IEEE 1394 Firewire Ports
 SIM ports
Description
AZC399-04S is a high performance and low cost
design which includes surge rated diode arrays
to protect high speed data interfaces. The
AZC399-04S family has been specifically
designed to protect sensitive components, which
are connected to data and transmission lines,
from over-voltage caused by Electrostatic
Discharging (ESD), Electrical Fast Transients
(EFT), and Lightning.
AZC399-04S is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
the ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZC399-04S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(± 15kV air, ±8kV contact discharge).
One AZC399-04S can be used to replace 4
BAV99 devices in a 5V application or a lower
than 5V application.




Número de pieza similar - AZC399-04S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMAZING Microelectronic...
AZC399-04C AMAZING-AZC399-04C Datasheet
293Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2012/07/12
AZC399-04C.R7G AMAZING-AZC399-04C.R7G Datasheet
293Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2012/07/12
More results


Descripción similar - AZC399-04S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC002-04S AMAZING-AZC002-04S Datasheet
187Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
AZC398-04C AMAZING-AZC398-04C Datasheet
1Mb / 6P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2014/01/28
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com