Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FX-500 Datasheet (PDF) - Vectron International, Inc

FX-500 Datasheet PDF - Vectron International, Inc
No. de pieza FX-500
Descarga  FX-500 Descarga
Tamaño del archivo   1013.2 Kbytes
Page   6 Pages
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Descripción Electrónicos Low Jitter Frequency Translator

FX-500 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FX-500 Datasheet PDF - Vectron International, Inc

No. de pieza FX-500
Descarga  FX-500 Click to download

Tamaño del archivo   1013.2 Kbytes
Page   6 Pages
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Descripción Electrónicos Low Jitter Frequency Translator

FX-500 Datasheet (HTML) - Vectron International, Inc


FX-500 Detalles de producto

Description
The FX-500 is a complete crystal-based frequency translator used in communications applications where low jitter is paramount.
Performance advantages include superior jitter per formance, high output frequencies and small pack age size. Advanced custom ASIC technology results in a highly robust, reliable and predictable device.
The device is packaged in a 6 pin J-Lead ceramic package with a hermetic seam welded lid.

Features
• Complete Frequency Translator to 77.760 MHz
• 3.3 Volt or 5.0 Volt Supply
• Capable of locking to an 8 kHz pulse/ BITS clock
• Tri-State Output allows board test
• Lock Detect
• J-Lead Ceramic Package
• Advanced Custom ASIC Technology
• Absolute Pull Range Performance to ±100 ppm
• CMOS Output
• Commercial or Industrial Temperature Range
• EIA Compatible Tape and Reel Packaging

Applications
• Frequency Translation, Clock Smoothing
• Telecom - SONET/SDH/ATM/DWDM
• Datacom - DSLAM, DSLAR, Access Nodes
• Cable Modem Head End
• Base Station - GSM, CDMA




Número de pieza similar - FX-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
FX-500 VECTRON-FX-500 Datasheet
112Kb / 6P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
276Kb / 7P
Low Jitter Frequency Translator
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
Low Jitter Frequency Translator
More results


Descripción similar - FX-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
Low Jitter Frequency Translator
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
Low Jitter Frequency Translator
FX-424 VECTRON-FX-424_08 Datasheet
499Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
Low Jitter Frequency Translator
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com