| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Maxim Integrated Produc... |
MAX16904_V5
|
496Kb / 14P |
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12 |
|
MAX16904
|
533Kb / 15P |
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13 |
|
MAX20075
|
947Kb / 16P |
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19 |
|
MAX25232
|
571Kb / 21P |
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20 |
|
MAX20077
|
1Mb / 18P |
36V, 2.5A Mini Buck Converters with 3.5μA IQ
Rev 6; 6/19 |
|
MAX20079
|
1Mb / 16P |
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19 |
|
MAX77597
|
1Mb / 15P |
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20 |
|
MAX25231
|
691Kb / 16P |
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021 |
|
MAX25232
|
541Kb / 19P |
36V, 3A Mini Buck Converters with 3.5關A IQ
2021 |
|
MAX16956
|
1Mb / 17P |
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021 |