| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 WAGO Kontakttechnik Gmb... |
750-626-040-000
|
557Kb / 11P |
Supply Filter; 24 VDC; Higher isolation; Extreme
|
|
750-610
|
477Kb / 11P |
Power Supply; 24 VDC; fuse holder; Diagnostics
|
|
750-601
|
410Kb / 11P |
Power Supply; 24 VDC; fuse holder
|
|
750-610-040-000
|
472Kb / 11P |
Power Supply; 24 VDC; fuse holder; Diagnostics; Extreme
|
|
750-613-040-000
|
517Kb / 12P |
System Power Supply; 24 VDC; Extreme
|
|
750-615
|
445Kb / 11P |
Power Supply; 120 VAC; fuse holder
|
|
750-617
|
372Kb / 9P |
Power Supply; 24 VAC; fuse holder
|
|
750-602-040-000
|
480Kb / 11P |
Power Supply; 24 VDC; Extreme
|
|
753-602
|
379Kb / 10P |
Power Supply; 24 VDC
|
 Wall Industries,Inc. |
763-5101
|
286Kb / 5P |
Power Supply; 24 VDC; fuse holder
|