Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R523I368050P1M Datasheet (PDF) - Kemet Corporation

R523I368050P1M Datasheet PDF - Kemet Corporation
No. de pieza R523I368050P1M
Descarga  R523I368050P1M Descarga
Tamaño del archivo   51.17 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm

R523I368050P1M Datasheet (PDF)

Go To PDF Page Descarga Datasheet
R523I368050P1M Datasheet PDF - Kemet Corporation

No. de pieza R523I368050P1M
Descarga  R523I368050P1M Click to download

Tamaño del archivo   51.17 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm

R523I368050P1M Datasheet (HTML) - Kemet Corporation


R523I368050P1M Detalles de producto

R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 15mm

General Information
   Series: R52 310 VAC MINI
   Dielectric: Metallized Polypropylene
   Style: Radial
   Features: EMI Safety
   RoHS: Yes
   Lead: Wire Leads
   Safety Class: X2
   Qualifications: ENEC, UL, cUL, CQC, AECQ200
   AEC-Q200: Yes

Specifications
   Capacitance: 0.68 uF
   Capacitance Tolerance: 20%
   Voltage AC: 310 VAC (X2)
   Voltage DC: 630 VDC
   Temperature Range: -40/+110°C
   Rated Temperature: 110°C
   Dissipation Factor: 0.2% 1KHz
   Insulation Resistance: 20.4 GOhms
   Max dV/dt: 400 V/us




Número de pieza similar - R523I368050P1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
R523I368050P0K KEMET-R523I368050P0K Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
More results


Descripción similar - R523I368050P1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
R523I368050P0K KEMET-R523I368050P0K Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I382050P0M KEMET-R523I382050P0M Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.82 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I333050P0K KEMET-R523I333050P0K Datasheet
50Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.33 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I322050P0K KEMET-R523I322050P0K Datasheet
50Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.22 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I310050P0K KEMET-R523I310050P0K Datasheet
233Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.1 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I347050P0K KEMET-R523I347050P0K Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.47 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523N368050P0K KEMET-R523N368050P0K Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.68 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 22.5mm
R523I315050P0K KEMET-R523I315050P0K Datasheet
50Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.15 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I333050P1K KEMET-R523I333050P1K Datasheet
50Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.33 uF, 10%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
R523I347050P1M KEMET-R523I347050P1M Datasheet
51Kb / 1P
R52 310 VAC MINI, Film, Metallized Polypropylene, Automotive Safety, 0.47 uF, 20%, 310 VAC (X2), 630 VDC, 110째C, Lead Spacing = 15mm
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com