| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
LR2D3557
|
166Kb / 3P |
TeSys LRD thermal overload relays - 37...50 A - class 20
Dec 24, 2020 |
|
LR3D350
|
141Kb / 3P |
TeSys LRD thermal overload relays - 37...50 A - class 10A
Dec 24, 2020 |
|
LR3D3357
|
163Kb / 3P |
TeSys LRD thermal overload relays - 37...50 A - class 10A
Dec 24, 2020 |
|
LRD332
|
126Kb / 3P |
TeSys LRD, thermal overload relay, 23 to 32 A, class 10A, EVERLINK
Dec 24, 2020 |
|
LRD340
|
116Kb / 3P |
TeSys LRD, thermal overload relay, 30 to 40 A, class 10A, EVERLINK
Dec 24, 2020 |
|
LRD365
|
115Kb / 3P |
TeSys LRD, thermal overload relay, 48 to 65 A, class 10A, EVERLINK
Dec 24, 2020 |
|
LRD3357
|
113Kb / 3P |
TeSys LRD, thermal overload relay, 37 to 50 A, class 10A, for LC1D80 and LC1D95
Dec 24, 2020 |
|
LRD3503
|
116Kb / 2P |
TeSys LRD thermal overload relays - 37...50 A - class 10A
Aug 15, 2019 |
|
LRD3506
|
126Kb / 2P |
TeSys LRD thermal overload relays - 37...50 A - class 10A
Aug 11, 2019 |
|
LRD350
|
129Kb / 3P |
TeSys Deca, thermal overload relay, 37 to 50 A, class 10A, EVERLINK
May 25, 2022 |