| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Molex Electronics Ltd. |
0797580007
|
44Kb / 1P |
Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
|
|
0797580011
|
40Kb / 1P |
Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG
|
|
0797581001
|
43Kb / 1P |
Pre-Crimped Lead MicroClasp Female-to-MicroClasp Female, 150mm, 24 AWG
|
|
0797581005
|
44Kb / 1P |
Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 150mm, 30 AWG
|
|
0797581008
|
43Kb / 1P |
Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 150mm, 26 AWG
|
|
0797581020
|
42Kb / 1P |
Pre-Crimped Lead Sherlock Female-to-Sherlock Female, 150mm, 26 AWG
|
|
0797582022
|
37Kb / 1P |
Pre-Crimped Lead C-Grid III Female-to-C-Grid III Female, 150mm, 22 AWG
|
|
0797582031
|
43Kb / 1P |
Pre-Crimped Lead MLX Female-to-MLX Female, 150mm, 18 AWG
|
|
0797582039
|
37Kb / 1P |
Pre-Crimped Lead Mega-Fit Female-to-Mega-Fit Female, 150mm, 12 AWG
|
|
0797582043
|
43Kb / 1P |
Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG
|