| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Weidmuller |
1104180000
|
84Kb / 2P |
Electronics housings, CH20M black, Base with orange clip-in foot, Width: 12.5 mm
|
|
1104410000
|
90Kb / 2P |
Electronics housings, CH20M black, Base with orange clip-in foot, Width: 45 mm
|
|
1104450000
|
85Kb / 2P |
Electronics housings, CH20M black, Base with orange clip-in foot, Width: 22.5 mm
|
 List of Unclassifed Man... |
SL7-CB-100
|
162Kb / 3P |
100-mm base with aluminum tube and foot
|
|
SL7-CB-T-100
|
154Kb / 3P |
100-mm base with aluminum tube
|
 JMK Inc. |
MM-1701-110
|
128Kb / 1P |
MM-1701-110
|
 PHOENIX CONTACT |
2700152
|
46Kb / 2P |
Tube, 45 mm long, 횠 25 mm, for direct tube mounting on the foldaway base
|
|
2700154
|
47Kb / 2P |
Tube, 1000 mm long, 횠 25 mm
|
|
2700157
|
47Kb / 2P |
Tube, 250 mm long, 횠 25 mm
|
 Schneider Electric |
KAXZ1C12
|
116Kb / 2P |
operating head with bezel 횠 28.5 mm, metal - black long handle
Feb 10, 2022 |