Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C86PI-1.8TE13 Datasheet (PDF) - Catalyst Semiconductor

CAT93C86PI-1.8TE13 Datasheet PDF - Catalyst Semiconductor
No. de pieza CAT93C86PI-1.8TE13
Descarga  CAT93C86PI-1.8TE13 Descarga

Tamaño del archivo   409.32 Kbytes
Page   9 Pages
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Descripción Electrónicos 16K-Bit Microwire Serial EEPROM

CAT93C86PI-1.8TE13 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CAT93C86PI-1.8TE13 Datasheet PDF - Catalyst Semiconductor

No. de pieza CAT93C86PI-1.8TE13
Descarga  CAT93C86PI-1.8TE13 Click to download

Tamaño del archivo   409.32 Kbytes
Page   9 Pages
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Descripción Electrónicos 16K-Bit Microwire Serial EEPROM

CAT93C86PI-1.8TE13 Datasheet (HTML) - Catalyst Semiconductor

CAT93C86PI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86PI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor

CAT93C86PI-1.8TE13 Detalles de producto

DESCRIPTION
The CAT93C46/56/57/66/86 are 1K/2K/2K/4K/16K-bit Serial E2PROM memory devices which are configured as either registers of 16 bits (ORG pin at VCC) or 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin.

FEATURES
■ High Speed Operation:
    – 93C46/56/57/66: 1MHz
    – 93C86: 3MHz
■ Low Power CMOS Technology
■ 1.8 to 6.0 Volt Operation
■ Selectable x8 or x16 Memory Organization
■ Self-Timed Write Cycle with Auto-Clear
■ Hardware and Software Write Protection
■ Power-Up Inadvertant Write Protection
■ 1,000,000 Program/Erase Cycles
■ 100 Year Data Retention
■ Commercial, Industrial and Automotive Temperature Ranges
■ Sequential Read (except 93C46)
■ Program Enable (PE) Pin (93C86 only)




Número de pieza similar - CAT93C86PI-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C86PI-1.8TE13 CATALYST-CAT93C86PI-1.8TE13 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
More results


Descripción similar - CAT93C86PI-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results




Acerca de Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com