| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4151_16 Datasheet
# Example questions:
➢ What is the operating temperature range for this connector?
➢ Which cable types are specifically listed as compatible with this connector's crimp/solder attachment?
➢ What is the maximum operating frequency for this tnc female bulkhead connector?
# PE4151 TNC Female Bulkhead Connector
## Configuration
️· Connector Type: TNC Female
️· Mounting: Bulkhead
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Compatible Cables: RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
️· Body Geometry: Straight
## Electrical Specifications
️· Frequency Range: DC to 4 GHz
️· VSWR: 1.5:1
️· Operating Voltage: 500 V rms
## Mechanical Specifications
️· Length: 1.42 in [36.07 mm]
️· Width/Diameter: 0.689 in [17.50 mm]
️· Weight: 0.039 lbs [17.69 g]
## Material Specifications
️· Contact: Brass with 30 µin minimum Gold Plating
️· Insulation: PTFE
️· Body: Brass with 100 µin minimum Nickel Plating
## Environmental Specifications
️· Operating Temperature: -65 to +165 deg C
## Applications
️· General Purpose Test
️· Rack and Panel Mount
️· Custom Cable Assemblies
# PE4151 TNC Female Bulkhead Connector
## Configuration
️· Connector Type: TNC Female
️· Mounting: Bulkhead
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Compatible Cables: RG58, RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
️· Body Geometry: Straight
## Electrical Specifications
️· Frequency Range: DC to 4 GHz
️· VSWR: 1.5:1
️· Operating Voltage: 500 V rms
## Mechanical Specifications
️· Length: 1.42 in [36.07 mm]
️· Width/Diameter: 0.689 in [17.50 mm]
️· Weight: 0.039 lbs [17.69 g]
## Material Specifications
️· Contact: Brass with 30 µin minimum Gold Plating
️· Insulation: PTFE
️· Body: Brass with 100 µin minimum Nickel Plating
## Environmental Specifications
️· Operating Temperature: -65 to +165 deg C
## Applications
️· General Purpose Test
️· Rack and Panel Mount
️· Custom Cable Assemblies
| Part No. | PE4151_16 |
| Manufacturer | PASTERNACK |
| Size | 359 Kbytes |
| Pages | 3 pages |
| Description | TNC Female Bulkhead Mount Connector Crimp/Sold Attachment |