Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

615004143821 Datasheet with Chat AI
Part No.615004143821
ManufacturerWURTH
Size513 Kbytes
Pages2 pages
DescriptionHORIZONTAL PLASTIC 4P4C MODULAR JACK TAB UP
Datasheet Summary with AI

# Horizontal Plastic 4P4C Modular Jack

## General Information
️· Part Number: 615 004 143 821
️· Description: Horizontal plastic 4P4C modular jack, tab up.
️· Revision: D
️· Tolerance: .X = +/- 0.2, .XX = +/- 0.15
️· Unit: MM
️· RoHS Compliant

## Material
️· Insulator Material: PBT
️· Flammability Rating: UL94-V0
️· Color: Black
️· Contact Material: Copper Alloy
️· Contact Type: Stamped
️· Contact Plating: Gold

## Electrical Characteristics
️· Current Rating: 1.5 A
️· Working Voltage: 120 VAC
️· Insulation Resistance: >500 MΩ
️· Dielectric Withstanding Voltage: 1,000 VAC/min
️· Contact Resistance: 20 mΩ max

## Environmental Characteristics
️· Operating Temperature: -40 °C to 85 °C
️· Compliance: Lead Free and RoHS

## Quality & Certifications
️· Quality Class: 500 Mating Cycles
️· Certified: E324776

## Manufacturing
️· Soldering: JEDEC Lead Free Wave Soldering Process
️· Packaging: Tray

## Safety Cautions
️· Designed for general electronic equipment.
️· Requires written approval for use in critical applications (aerospace, aviation, nuclear control, etc.).
️· Sufficient reliability evaluation is required for high-safety applications.

# Horizontal Plastic 4P4C Modular Jack

## General Information
️· Part Number: 615 004 143 821
️· Description: Horizontal plastic 4P4C modular jack, tab up.
️· Revision: D
️· Tolerance: .X = +/- 0.2, .XX = +/- 0.15
️· Unit: MM
️· RoHS Compliant

## Material
️· Insulator Material: PBT
️· Flammability Rating: UL94-V0
️· Color: Black
️· Contact Material: Copper Alloy
️· Contact Type: Stamped
️· Contact Plating: Gold

## Electrical Characteristics
️· Current Rating: 1.5 A
️· Working Voltage: 120 VAC
️· Insulation Resistance: >500 MΩ
️· Dielectric Withstanding Voltage: 1,000 VAC/min
️· Contact Resistance: 20 mΩ max

## Environmental Characteristics
️· Operating Temperature: -40 °C to 85 °C
️· Compliance: Lead Free and RoHS

## Quality & Certifications
️· Quality Class: 500 Mating Cycles
️· Certified: E324776

## Manufacturing
️· Soldering: JEDEC Lead Free Wave Soldering Process
️· Packaging: Tray

## Safety Cautions
️· Designed for general electronic equipment.
️· Requires written approval for use in critical applications (aerospace, aviation, nuclear control, etc.).
️· Sufficient reliability evaluation is required for high-safety applications.

Part No.615004143821
ManufacturerWURTH
Size513 Kbytes
Pages2 pages
DescriptionHORIZONTAL PLASTIC 4P4C MODULAR JACK TAB UP