Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SB874 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SB874 Datasheet

  • # Example questions: ➢ What is the typical range for the dc current gain (hfe-1) classification 'b'?
    ➢ Under what conditions is the maximum collector-emitter saturation voltage of -0v achieved?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.2SB874
    ManufacturerISC
    Size111 Kbytes
    Pages2 pages
    DescriptionCollector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
    Datasheet Summary with AI

    # isc Silicon PNP Power Transistor 2SB874

    ## Description

    · V(BR)CEO: -60V (min)
    · VCE(sat): -1.0V (max) @ IC = -1.5A
    · Complement to Type 2SD1177

    ## Applications

    · Low frequency power amplifier applications

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage -100 V
    VCEO Collector-Emitter Voltage -60 V
    VEBO Emitter-Base Voltage -5 V
    IC Collector Current-Continuous -2 A
    ICM Collector Current-Peak -3 A
    PC Total Power Dissipation (@ TC=25℃) 20 W
    TJ Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= -10mA; RBE= ∞ -60 V
    V(BR)CBO Collector-Base Breakdown Voltage IC= -1mA; IE= 0 -100 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= -1mA; IC= 0 -5 V
    VCE(sat) Collector-Emitter Saturation Voltage IC= -1.5A; IB= -0.15A -1.0 V
    VBE(on) Base-Emitter On Voltage IC= -2A; VCE= -5V -1.4 V
    ICBO Collector Cutoff Current VCB= -80V; IE= 0 -1.0 μ A
    IEBO Emitter Cutoff Current VEB= -5V; IC= 0 -1.0 μ A
    hFE-1 DC Current Gain IC= -0.5A; VCE= -5V 60 200
    hFE-2 DC Current Gain IC= -2A; VCE= -5V 40
    COB Collector Output Capacitance IE= 0; VCB= -10V; f= 1MHz 50 pF

    ## hFE-1 Classifications

    B C
    60-120 100-200

    # isc Silicon PNP Power Transistor 2SB874

    ## Description

    · V(BR)CEO: -60V (min)
    · VCE(sat): -1.0V (max) @ IC = -1.5A
    · Complement to Type 2SD1177

    ## Applications

    · Low frequency power amplifier applications

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage -100 V
    VCEO Collector-Emitter Voltage -60 V
    VEBO Emitter-Base Voltage -5 V
    IC Collector Current-Continuous -2 A
    ICM Collector Current-Peak -3 A
    PC Total Power Dissipation (@ TC=25℃) 20 W
    TJ Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= -10mA; RBE= ∞ -60 V
    V(BR)CBO Collector-Base Breakdown Voltage IC= -1mA; IE= 0 -100 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= -1mA; IC= 0 -5 V
    VCE(sat) Collector-Emitter Saturation Voltage IC= -1.5A; IB= -0.15A -1.0 V
    VBE(on) Base-Emitter On Voltage IC= -2A; VCE= -5V -1.4 V
    ICBO Collector Cutoff Current VCB= -80V; IE= 0 -1.0 μ A
    IEBO Emitter Cutoff Current VEB= -5V; IC= 0 -1.0 μ A
    hFE-1 DC Current Gain IC= -0.5A; VCE= -5V 60 200
    hFE-2 DC Current Gain IC= -2A; VCE= -5V 40
    COB Collector Output Capacitance IE= 0; VCB= -10V; f= 1MHz 50 pF

    ## hFE-1 Classifications

    B C
    60-120 100-200

    Part No.2SB874
    ManufacturerISC
    Size111 Kbytes
    Pages2 pages
    DescriptionCollector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)