Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Datasheet with Chat AI
Datasheet Details
Part No.M95320-RMB6P/PC
MfrSTMICROELECTRONICS
Size388 Kbytes
Pages44 pages
Description32 Kbit serial SPI bus EEPROMs with high-speed clock
Datasheet SummaryAI
Core Function & Capacity:

️· These are 32 Kbit electrically erasable programmable read-only memory (EEPROM) devices, organized as 4096 x 8 bits.

Communication Interface:

️· SPI Compatible: They communicate using a standard SPI (Serial Peripheral Interface) bus.
️· Signals: Key signals include:
- C (SCK): Serial Clock
- D (SDI): Serial Data Input
- Q (SDO): Serial Data Output
- S (CS): Chip Select (active low)
- W (WP): Write Protect (controls write protection area)
- HOLD: Used to pause communication without deselection.
- VCC: Supply Voltage
- VSS: Ground

Key Features & Considerations:

️· MSB First: Data is shifted in and out most significant bit (MSB) first.
️· Chip Select (S): Must be driven low to select the device for communication.
️· Write Protect (W): Controls the size of the memory area protected from writes. Important for security and preventing accidental overwrites.
️· Hold (HOLD): Allows pausing SPI communication without deselecting the device.
️· Bus Considerations: The document highlights the importance of pull-up/pull-down resistors on the SPI bus to prevent issues when the bus master is reset or enters a high-impedance state.



In essence, this document is an introductory overview of these EEPROM devices, focusing on their interface, basic operation, and some critical hardware considerations for proper implementation.
M95320-RMB6P/PC Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M95320-RMB6P/PC Datasheet.
    Example questions: ➤ Explain how the hold (hold) signal can be used to pause communication with the m95320 without deselecting it.➤ What is the primary function of the write protect (w) pin in the m95320 device?➤ What is the purpose of the pull-down resistor connected to the clock line (c) in certain spi bus configurations?
  • Datasheet Details
    Part No.M95320-RMB6P/PC
    ManufacturerSTMICROELECTRONICS
    Size388 Kbytes
    Pages44 pages
    Description32 Kbit serial SPI bus EEPROMs with high-speed clock
    Datasheet Summary AI Expand summary
    Core Function & Capacity:

    ️· These are 32 Kbit electrically erasable programmable read-only memory (EEPROM) devices, organized as 4096 x 8 bits.

    Communication Interface:

    ️· SPI Compatible: They communicate using a standard SPI (Serial Peripheral Interface) bus.
    ️· Signals: Key signals include:
    - C (SCK): Serial Clock
    - D (SDI): Serial Data Input
    - Q (SDO): Serial Data Output
    - S (CS): Chip Select (active low)
    - W (WP): Write Protect (controls write protection area)
    - HOLD: Used to pause communication without deselection.
    - VCC: Supply Voltage
    - VSS: Ground

    Key Features & Considerations:

    ️· MSB First: Data is shifted in and out most significant bit (MSB) first.
    ️· Chip Select (S): Must be driven low to select the device for communication.
    ️· Write Protect (W): Controls the size of the memory area protected from writes. Important for security and preventing accidental overwrites.
    ️· Hold (HOLD): Allows pausing SPI communication without deselecting the device.
    ️· Bus Considerations: The document highlights the importance of pull-up/pull-down resistors on the SPI bus to prevent issues when the bus master is reset or enters a high-impedance state.



    In essence, this document is an introductory overview of these EEPROM devices, focusing on their interface, basic operation, and some critical hardware considerations for proper implementation.