Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G66 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 74AHC1G66 Datasheet

  • # Example questions: ➢ Referring to the package outline section, what package type is the 74ahc1g66 available in, and what is its body width in millimeters?
    ➢ What is the maximum input voltage (vcc) for the 74ahct1g66?
    ➢ What is the typical total harmonic distortion (thd) for the 74ahc1g66 when vcc is between 0v and 6v and the input frequency (fi) is 1khz?

  • Part No.74AHC1G66
    ManufacturerNXP
    Size113 Kbytes
    Pages17 pages
    DescriptionSingle-pole single-throw analog switch
    Datasheet Summary with AI

    1. General Description & Function

    ️· Device Type: Single-pole, single-throw (SPST) analog switches. This means they can selectively connect one input signal to either one of two output connections.
    ️· Application: Designed for use in applications requiring low on-resistance (Ron) and high off-isolation.
    ️· Variants: Two primary variants exist:
    - 74AHC1G66: Operates with a lower supply voltage range (typically 2V to 5.5V).
    - 74AHCT1G66: Operates with a higher supply voltage range (typically 3V to 6V).

    2. Electrical Characteristics & Performance

    a) Key Parameters (See Tables throughout the document - I'm summarizing)

    ️· Supply Voltage: 2V-5.5V (AHC), 3V-6V (AHCT)
    ️· On-Resistance (Ron): A critical performance metric. Lower is better. These switches are designed for low Ron.
    ️· Off-Isolation: Represents the signal isolation when the switch is "off". Higher is better.
    ️· Switching Speed: Important for high-frequency applications. This is reflected in parameters like:
    - Propagation Delay (tPLH, tPHL): The time it takes for a signal to pass through the switch.
    - -3dB Frequency (f(-3dB)): Indicates the frequency response. Higher values mean better performance at higher frequencies. (Approximately 230 MHz for AHC, 280 MHz for AHCT).

    b) Tables of Interest

    ️· Table 12: Additional Dynamic Characteristics: (Highlights switching speeds and harmonic distortion)
    - Harmonic Distortion (THD): Indicates signal distortion. Lower is desirable.
    - -3dB Frequency: Measures the frequency response of the switch. AHC: ~230 MHz, AHCT: ~280 MHz.

    c) Waveforms and Test Circuits: These figures illustrate the measurement points and procedures for determining the performance characteristics. (See Figure 11, 12, & 13).

    3. Important Considerations & Notes

    ️· Supply Voltage Compatibility: Carefully select the appropriate variant (AHC or AHCT) based on the supply voltage available in the application.
    ️· Loading: The characteristics will vary depending on the load conditions. Table 11 shows load conditions for test data.
    ️· Harmonic Distortion: Consider this if signal fidelity is critical.
    ️· Isolation: The OFF-state isolation is a key parameter for isolating signals.

    4. Package Information

    ️· Package Type: TSSOP5 (Plastic Thin Shrink Small Outline Package) - See Figure 15.
    ️· Package Dimensions: Refer to Figure 15 for detailed package dimensions.
    ️· Lead Frame Material: Copper
    ️· See Figure 15 for detailed dimensions

    Key Takeaways

    ️· The 74AHC1G66 and 74AHCT1G66 offer low on-resistance and high off-isolation for analog switching applications.
    ️· The choice between AHC and AHCT depends on the supply voltage requirements of the system.
    ️· The data sheet provides comprehensive information on performance characteristics, including switching speeds, harmonic distortion, and isolation.

    1. General Description & Function

    ️· Device Type: Single-pole, single-throw (SPST) analog switches. This means they can selectively connect one input signal to either one of two output connections.
    ️· Application: Designed for use in applications requiring low on-resistance (Ron) and high off-isolation.
    ️· Variants: Two primary variants exist:
    - 74AHC1G66: Operates with a lower supply voltage range (typically 2V to 5.5V).
    - 74AHCT1G66: Operates with a higher supply voltage range (typically 3V to 6V).

    2. Electrical Characteristics & Performance

    a) Key Parameters (See Tables throughout the document - I'm summarizing)

    ️· Supply Voltage: 2V-5.5V (AHC), 3V-6V (AHCT)
    ️· On-Resistance (Ron): A critical performance metric. Lower is better. These switches are designed for low Ron.
    ️· Off-Isolation: Represents the signal isolation when the switch is "off". Higher is better.
    ️· Switching Speed: Important for high-frequency applications. This is reflected in parameters like:
    - Propagation Delay (tPLH, tPHL): The time it takes for a signal to pass through the switch.
    - -3dB Frequency (f(-3dB)): Indicates the frequency response. Higher values mean better performance at higher frequencies. (Approximately 230 MHz for AHC, 280 MHz for AHCT).

    b) Tables of Interest

    ️· Table 12: Additional Dynamic Characteristics: (Highlights switching speeds and harmonic distortion)
    - Harmonic Distortion (THD): Indicates signal distortion. Lower is desirable.
    - -3dB Frequency: Measures the frequency response of the switch. AHC: ~230 MHz, AHCT: ~280 MHz.

    c) Waveforms and Test Circuits: These figures illustrate the measurement points and procedures for determining the performance characteristics. (See Figure 11, 12, & 13).

    3. Important Considerations & Notes

    ️· Supply Voltage Compatibility: Carefully select the appropriate variant (AHC or AHCT) based on the supply voltage available in the application.
    ️· Loading: The characteristics will vary depending on the load conditions. Table 11 shows load conditions for test data.
    ️· Harmonic Distortion: Consider this if signal fidelity is critical.
    ️· Isolation: The OFF-state isolation is a key parameter for isolating signals.

    4. Package Information

    ️· Package Type: TSSOP5 (Plastic Thin Shrink Small Outline Package) - See Figure 15.
    ️· Package Dimensions: Refer to Figure 15 for detailed package dimensions.
    ️· Lead Frame Material: Copper
    ️· See Figure 15 for detailed dimensions

    Key Takeaways

    ️· The 74AHC1G66 and 74AHCT1G66 offer low on-resistance and high off-isolation for analog switching applications.
    ️· The choice between AHC and AHCT depends on the supply voltage requirements of the system.
    ️· The data sheet provides comprehensive information on performance characteristics, including switching speeds, harmonic distortion, and isolation.

    Part No.74AHC1G66
    ManufacturerNXP
    Size113 Kbytes
    Pages17 pages
    DescriptionSingle-pole single-throw analog switch