Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SW-214-PIN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW-214-PIN Datasheet

  • # Example questions: ➢ What control voltage range is specified for the switch to operate within specifications?
    ➢ What is the nominal impedance of the sw-214-pin switch?
    ➢ What is the typical insertion loss at 2 ghz?

  • Part No.SW-214-PIN
    ManufacturerMACOM
    Size111 Kbytes
    Pages3 pages
    DescriptionGaAs SPST Switch, DC - 3 GHz
    Datasheet Summary with AI

    Summary of SW-214-PIN GaAs SPDT Switch Data Sheet

    This document details the SW-214-PIN, a GaAs SPDT (Single-Pole Double-Throw) switch manufactured by M/A-COM. Here’s a breakdown of the key information:

    1. Features:

    ️· Fast Switching: 6 nS typical switching time.
    ️· Low Power Consumption: Designed for low DC power usage.
    ️· Terminated: Implying it’s designed for impedance matching to avoid signal reflections.
    ️· 50 Ohm Impedance: Nominal impedance is 50 ohms.
    ️· MIL-STD-883 Screening: Option available for military grade reliability.

    2. Ordering Information:

    ️· Part Number: SW-214-PIN
    ️· Package: FP-13

    3. Electrical Specifications (at 25°C):

    ️· Insertion Loss: Ranges from 0.9 dB to 1.3 dB depending on frequency (DC to 3 GHz).
    ️· Isolation: 25 dB to 50 dB depending on frequency (DC to 3 GHz).
    ️· VSWR (Voltage Standing Wave Ratio): Ranges from 1.3:1 to 2.0:1. Lower is better (indicates better impedance matching).
    ️· Switching Times: Trise/Tfall (Rise/Fall Time): 3 nS, Ton/Toff (Turn On/Off Time): 6 nS.
    ️· Compression Point (1dB): Varies with frequency; ~+27 dBm at 0.5-3 GHz, and ~+21 dBm at 0.05 GHz.
    ️· IP2 and IP3: Specifications related to intermodulation distortion, indicating linearity.

    4. Control Voltages:

    ️· Requires control voltages between 0V and -0.2V for one state, and -5V to -8V for the other.

    5. Pin Configuration: Top view with marked pins.

    6. Typical Performance Curves: Graphs illustrating Insertion Loss, VSWR, and Isolation vs. Frequency.

    7. Important Notes:

    ️· Specifications apply with a 50-ohm load.
    ️· Faster switching speeds can be achieved with appropriate driver circuitry.
    ️· M/A-COM disclaims any warranty and assumes no liability for the use of this product.

    Summary of SW-214-PIN GaAs SPDT Switch Data Sheet

    This document details the SW-214-PIN, a GaAs SPDT (Single-Pole Double-Throw) switch manufactured by M/A-COM. Here’s a breakdown of the key information:

    1. Features:

    ️· Fast Switching: 6 nS typical switching time.
    ️· Low Power Consumption: Designed for low DC power usage.
    ️· Terminated: Implying it’s designed for impedance matching to avoid signal reflections.
    ️· 50 Ohm Impedance: Nominal impedance is 50 ohms.
    ️· MIL-STD-883 Screening: Option available for military grade reliability.

    2. Ordering Information:

    ️· Part Number: SW-214-PIN
    ️· Package: FP-13

    3. Electrical Specifications (at 25°C):

    ️· Insertion Loss: Ranges from 0.9 dB to 1.3 dB depending on frequency (DC to 3 GHz).
    ️· Isolation: 25 dB to 50 dB depending on frequency (DC to 3 GHz).
    ️· VSWR (Voltage Standing Wave Ratio): Ranges from 1.3:1 to 2.0:1. Lower is better (indicates better impedance matching).
    ️· Switching Times: Trise/Tfall (Rise/Fall Time): 3 nS, Ton/Toff (Turn On/Off Time): 6 nS.
    ️· Compression Point (1dB): Varies with frequency; ~+27 dBm at 0.5-3 GHz, and ~+21 dBm at 0.05 GHz.
    ️· IP2 and IP3: Specifications related to intermodulation distortion, indicating linearity.

    4. Control Voltages:

    ️· Requires control voltages between 0V and -0.2V for one state, and -5V to -8V for the other.

    5. Pin Configuration: Top view with marked pins.

    6. Typical Performance Curves: Graphs illustrating Insertion Loss, VSWR, and Isolation vs. Frequency.

    7. Important Notes:

    ️· Specifications apply with a 50-ohm load.
    ️· Faster switching speeds can be achieved with appropriate driver circuitry.
    ️· M/A-COM disclaims any warranty and assumes no liability for the use of this product.

    Part No.SW-214-PIN
    ManufacturerMACOM
    Size111 Kbytes
    Pages3 pages
    DescriptionGaAs SPST Switch, DC - 3 GHz