Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SW-209 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW-209 Datasheet

  • # Example questions: ➢ What is the maximum vswr specified for this switch at a frequency of 0 ghz?
    ➢ What is the maximum operating temperature specified for this gaas spst switch?
    ➢ How does the control voltage influence the switch's state, specifically whether rf1 is connected to rf2?

  • Part No.SW-209
    ManufacturerMACOM
    Size101 Kbytes
    Pages2 pages
    DescriptionMatched GaAs SPST Switch DC - 3 GHz
    Datasheet Summary with AI

    # Matched GaAs SPST Switch SW-209 (DC - 3 GHz)

    ## Features
    · Fast switching speed: 6 ns typical
    · Ultra-low DC power consumption
    · Small package size: 0.180" (4.6mm) Sq.

    ## Guaranteed Specifications (-55°C to +85°C)
    · Frequency Range: DC – 3.0 GHz
    · Impedance: 50 Ohms Nominal

    ## Insertion Loss (Max)
    · DC – 3.0 GHz: 1.5 dB
    · DC – 2.0 GHz: 1.2 dB
    · DC – 1.0 GHz: 1.1 dB
    · DC – 0.5 GHz: 0.9 dB

    ## VSWR (Max)
    · DC – 3.0 GHz: 1.6:1
    · DC – 2.0 GHz: 1.5:1
    · DC – 1.0 GHz: 1.2:1
    · DC – 0.5 GHz: 1.2:1

    ## Isolation (Min)
    · DC – 3.0 GHz: 27 dB
    · DC – 2.0 GHz: 32 dB
    · DC – 1.0 GHz: 40 dB
    · DC – 0.5 GHz: 45 dB

    ## Switching Characteristics
    · Trise, Tfall: 3 ns (Typ)
    · Ton, Toff (50% CTL to 90%/10% RF): 6 ns (Typ)
    · Transients (In-Band): 30 mV (Typ)

    ## Input Power for 1 dB Compression (Typ)
    · 0.5 – 3.0 GHz: +27/+33 dBm
    · 0.05 GHz: +21/+26 dBm

    ## Intermodulation Intercept Points (Typ)
    · IP2: 0.5 – 3.0 GHz: +62 dBm; 0.05 GHz: +68 dBm
    · IP3: 0.5 – 3.0 GHz: +40 dBm; 0.05 GHz: +46 dBm

    ## Control Voltages
    · Vin Low: 0 to -0.2V @ 20 µA Max
    · Vin High: -5V @ 50 µA (Typ) to -8V @ 300 µA Max

    ## Absolute Maximum Ratings
    · Max. Input Power: +27 dBm (0.05 GHz), +34 dBm (0.5 – 2.0 GHz)
    · Control Voltage: +5V, –8.5V
    · Operating Temperature: –55°C to +125°C
    · Storage Temperature: –65°C to +150°C

    ## Ordering Information
    · Model No. | Package
    · SW-209 | PIN Ceramic (CR-3)
    · SW-209B | PIN (Screened to MIL-STD-883C)
    · SW-209G | PIN Ceramic Gull Winged (CR-10)

    ## Truth Table
    · High, Low: Control Input A, B respectively
    · ON: RF1 to RF2
    · OFF: RF1 to RF2

    # Matched GaAs SPST Switch SW-209 (DC - 3 GHz)

    ## Features
    · Fast switching speed: 6 ns typical
    · Ultra-low DC power consumption
    · Small package size: 0.180" (4.6mm) Sq.

    ## Guaranteed Specifications (-55°C to +85°C)
    · Frequency Range: DC – 3.0 GHz
    · Impedance: 50 Ohms Nominal

    ## Insertion Loss (Max)
    · DC – 3.0 GHz: 1.5 dB
    · DC – 2.0 GHz: 1.2 dB
    · DC – 1.0 GHz: 1.1 dB
    · DC – 0.5 GHz: 0.9 dB

    ## VSWR (Max)
    · DC – 3.0 GHz: 1.6:1
    · DC – 2.0 GHz: 1.5:1
    · DC – 1.0 GHz: 1.2:1
    · DC – 0.5 GHz: 1.2:1

    ## Isolation (Min)
    · DC – 3.0 GHz: 27 dB
    · DC – 2.0 GHz: 32 dB
    · DC – 1.0 GHz: 40 dB
    · DC – 0.5 GHz: 45 dB

    ## Switching Characteristics
    · Trise, Tfall: 3 ns (Typ)
    · Ton, Toff (50% CTL to 90%/10% RF): 6 ns (Typ)
    · Transients (In-Band): 30 mV (Typ)

    ## Input Power for 1 dB Compression (Typ)
    · 0.5 – 3.0 GHz: +27/+33 dBm
    · 0.05 GHz: +21/+26 dBm

    ## Intermodulation Intercept Points (Typ)
    · IP2: 0.5 – 3.0 GHz: +62 dBm; 0.05 GHz: +68 dBm
    · IP3: 0.5 – 3.0 GHz: +40 dBm; 0.05 GHz: +46 dBm

    ## Control Voltages
    · Vin Low: 0 to -0.2V @ 20 µA Max
    · Vin High: -5V @ 50 µA (Typ) to -8V @ 300 µA Max

    ## Absolute Maximum Ratings
    · Max. Input Power: +27 dBm (0.05 GHz), +34 dBm (0.5 – 2.0 GHz)
    · Control Voltage: +5V, –8.5V
    · Operating Temperature: –55°C to +125°C
    · Storage Temperature: –65°C to +150°C

    ## Ordering Information
    · Model No. | Package
    · SW-209 | PIN Ceramic (CR-3)
    · SW-209B | PIN (Screened to MIL-STD-883C)
    · SW-209G | PIN Ceramic Gull Winged (CR-10)

    ## Truth Table
    · High, Low: Control Input A, B respectively
    · ON: RF1 to RF2
    · OFF: RF1 to RF2

    Part No.SW-209
    ManufacturerMACOM
    Size101 Kbytes
    Pages2 pages
    DescriptionMatched GaAs SPST Switch DC - 3 GHz