ZD6.2L-CL2-R
AI

The **ZD6.2L-CL2-R** is a specific surface-mount Zener diode. These components are primarily used for voltage regulation and protection against overvoltage in electronic circuits.
---
### 1. General Specifications
The part number reveals key characteristics about its electrical behavior and physical form factor.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Zener Voltage ($V_z$)** | 6.2V | The nominal voltage at which the diode begins to conduct in reverse bias. |
| **Power Dissipation ($P_d$)** | ~200mW - 500mW | The maximum power the device can safely dissipate (varies by manufacturer). |
| **Package Type** | SOD-323 / SOD-523 | Typically a small, leadless surface-mount package. |
| **Configuration** | Single | A single diode in a two-terminal package. |
| **Tolerance** | ±5% (Typical) | The precision of the 6.2V breakdown voltage. |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly between manufacturers (like ROHM or ON Semi), the code usually breaks down as follows:
* **ZD**: Stands for **Zener Diode**.
* **6.2**: Indicates the nominal Zener voltage of **6.2 Volts**.
* **L**: Often denotes low leakage or specific electrical grading.
* **CL2**: Refers to the internal manufacturer chip code or a specific lead-frame type.
* **R**: Generally indicates **Tape and Reel** packaging for automated assembly.
---
### 3. Key Electronic Functions
In a circuit, the ZD6.2L-CL2-R performs three primary roles:
1. **Voltage Regulation:** It maintains a constant 6.2V output even if the input voltage fluctuates, provided a current-limiting resistor is used.
2. **Voltage Clamping:** It protects sensitive ICs by "clamping" spikes. If the voltage exceeds 6.2V, the diode shunts the excess current to the ground.
3. **Reference Voltage:** It can be used as a stable reference point for comparator circuits or analog-to-digital converters.
---
### 4. Typical Application Circuit
To use this diode safely, it must be placed in **reverse bias** with a series resistor ($R_s$) to limit the current ($I_z$).
```text
Input Voltage (V_in) ----[ Rs ]----o---- Output Voltage (6.2V)
|
[ | ] ZD6.2L (Zener Diode)
[ V ]
|
Ground
```
---
- ⤷
What is the maximum current (Iz) this diode can handle before failing?
- ⤷ Can this diode be used for ESD protection in high-speed data lines?
- ⤷ What are the common manufacturer alternatives for the ZD6.2L-CL2-R?