Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ZD30-AE3-R

  • AI
    The **ZD30-AE3-R** is a specific model of a **Zener Diode**, typically produced by manufacturers like *Comchip Technology*. It is designed for voltage regulation and protection within electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "30" in the part number generally indicates the Zener voltage. Here are the typical electrical parameters for this component: | Parameter | Specification | |:---|:---| | **Zener Voltage ($V_z$)** | 30V (Nominal) | | **Power Dissipation ($P_d$)** | 225mW to 300mW (depending on mounting) | | **Package Type** | SOT-23 (Surface Mount Device) | | **Tolerance** | ±5% (Standard) | | **Operating Temperature** | -55°C to +150°C | | **Configuration** | Single Diode | --- ### 2. Physical Construction (SOT-23) The **AE3** suffix in the part number refers to the **SOT-23** package style. This is a small, three-lead plastic surface-mount package. * **Pin 1:** Anode (usually) * **Pin 2:** No Connection (NC) or Anode (depending on internal schematic) * **Pin 3:** Cathode * **Size:** Extremely compact, making it ideal for high-density circuit boards in mobile devices and consumer electronics. --- ### 3. Functional Applications The ZD30-AE3-R is used primarily in the following ways: 1. **Voltage Regulation:** It maintains a fixed output voltage of 30V across a load, even if the input voltage or load current fluctuates. 2. **Overvoltage Protection:** It acts as a "clamp" to prevent sensitive components from seeing voltages higher than 30V. 3. **Voltage Referencing:** Used in analog circuits (like Op-Amps) to provide a stable reference point. --- ### 4. Part Number Breakdown While naming conventions can vary slightly by manufacturer, the code usually breaks down as follows: * **ZD:** Zener Diode. * **30:** 30 Volt nominal breakdown. * **AE3:** Package code for SOT-23. * **-R:** Tape and Reel packaging (for automated pick-and-place assembly). --- ### 5. Circuit Implementation Example In a standard regulator circuit, the Zener is placed in **reverse bias** in parallel with the load. ```markdown V_in (Unregulated) ----[ Resistor ]----+---- V_out (30V Regulated) | [Zener] (ZD30-AE3-R) | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this diode can handle before failing?
    • ⤷ Can this diode be used for ESD protection in high-speed data lines?
    • ⤷ What are the common alternatives or equivalents for the ZD30-AE3-R?