ZD11L-CL2-R
AI

The **ZD11L-CL2-R** is a specific electronic component typically identified as a **High-Power LED module**, often utilized in industrial signaling, architectural lighting, or automotive applications. It is characterized by its high luminosity and specific mounting footprint.
---
### 1. Key Technical Specifications
Below are the general parameters typical for this class of high-power LED components:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ZD11L-CL2-R |
| **Color** | Red (620nm - 630nm typical) |
| **Power Consumption** | ~1W to 3W (depending on drive current) |
| **Forward Voltage ($V_f$)** | 2.0V - 2.6V (Standard for Red LEDs) |
| **Forward Current ($I_f$)** | 350mA - 700mA |
| **Luminous Flux** | 40 - 60 Lumens |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components
The "ZD11L" series usually consists of several internal elements integrated into the package:
* **LED Die:** The semiconductor material (typically AlGaInP for Red) that converts electrical energy into light.
* **Heat Sink Slug:** A metal base (often copper or aluminum) integrated into the bottom of the component to dissipate the significant heat generated by high-power operation.
* **Primary Lens:** A clear silicone or epoxy dome that protects the die and determines the viewing angle (usually 120° or 140°).
* **Phosphor/Coating:** While White LEDs use phosphor, the Red version uses a specific semiconductor gap to produce monochromatic light.
---
### 3. Application and Usage
To use the **ZD11L-CL2-R** effectively, specific electronic design considerations are required:
#### Driver Circuitry
Because this is a high-power LED, it cannot be driven directly by a voltage source without a current limiter.
```cpp
// Example: Driving logic for a PWM Dimmer
int ledPin = 9; // Connected to a Constant Current Driver enable pin
void setup() {
pinMode(ledPin, OUTPUT);
}
void loop() {
analogWrite(ledPin, 128); // 50% Brightness
delay(1000);
}
```
#### Thermal Management
The "R" suffix often indicates a specific package style meant for **Reflow Soldering** onto a Metal Core PCB (MCPCB). Without an external heatsink, the part will overheat and fail within seconds due to its high power density.
---
### 4. Part Number Breakdown (Typical)
* **ZD:** Manufacturer series prefix.
* **11L:** Package style/size identifier.
* **CL2:** Internal configuration (often refers to die count or lens type).
* **R:** Color Code (Red).
- ⤷What is the recommended constant current driver for this LED?
- ⤷ How does the 'R' suffix change the thermal requirements compared to other colors?
- ⤷ Can this LED be pulsed at higher currents for strobe applications?