ZCSC-3-R3+
AI

The **ZCSC-3-R3+** is a coaxial 3-way power splitter/combiner manufactured by Mini-Circuits. It is designed to operate within a specific frequency range, splitting an input signal into three equal-phase output signals or combining three signals into one.
---
## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the ZCSC-3-R3+:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2 MHz to 300 MHz |
| **Insertion Loss (Above 4.8 dB)** | 0.4 dB (Typical) |
| **Isolation** | 30 dB (Typical) |
| **Amplitude Unbalance** | 0.1 dB (Typical) |
| **Phase Unbalance** | 1.0° (Typical) |
| **VSWR (Input/Output)** | 1.15:1 / 1.1:1 |
| **Maximum Power Input** | 1 Watt (as a splitter) |
| **Connector Type** | SMA Female |
| **Operating Temperature** | -55°C to 100°C |
---
## Key Features and Components
### 1. Internal Circuitry
The device utilizes a **Wilkinson-style power divider** topology implemented with high-quality ferrite cores and wire-wound transformers. This ensures low loss and high isolation between the output ports.
### 2. Physical Construction
* **Housing:** The unit is encased in a rugged, shielded metal case (Case Style: M21) to prevent Electromagnetic Interference (EMI).
* **Connectors:** It features gold-plated SMA connectors for reliable signal integrity and corrosion resistance.
* **RoHS Compliant:** The "+" suffix indicates that the part is lead-free and meets RoHS standards.
### 3. Functional Applications
* **Signal Distribution:** Splitting a single RF source to three different receivers.
* **Antenna Arrays:** Feeding multiple antenna elements with synchronized phases.
* **Test and Measurement:** Distributing a clock or reference signal across multiple test benches.
---
## Performance Summary
The ZCSC-3-R3+ is favored in HF and VHF applications due to its **low insertion loss** and **high isolation**. High isolation is critical because it prevents a fault or impedance mismatch at one output port from significantly affecting the signal quality of the other two ports.
- ⤷What is the difference between a power splitter and a power combiner in this context?
- ⤷ How does the VSWR rating affect the signal integrity in an RF system?
- ⤷ Can this device handle more than 1 Watt if used as a combiner?