XR79110
AI

## Overview of the XR79110
The **XR79110** is a high-performance, synchronous step-down (buck) power module developed by MaxLinear (formerly Exar). It is designed to simplify power system design by integrating the controller, power MOSFETs, inductor, and support components into a single package.
---
### 1. Key Internal Components
The XR79110 is often referred to as a "Power Module" because it integrates several electronic parts that usually require individual placement on a PCB.
| Component | Description |
| :--- | :--- |
| **Synchronous Buck Controller** | Uses a constant on-time (COT) control scheme for fast transient response. |
| **Power MOSFETs** | High-side and low-side integrated FETs optimized for low $R_{DS(on)}$. |
| **Integrated Inductor** | Specifically shielded and sized for high efficiency and low EMI. |
| **Bootstrap Capacitor** | Internal capacitor providing the gate drive voltage for the high-side FET. |
---
### 2. Technical Specifications
The following table summarizes the primary electrical characteristics of the part:
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range ($V_{IN}$)** | 4.5V to 22V |
| **Output Current ($I_{OUT}$)** | 10A Continuous |
| **Output Voltage Range ($V_{OUT}$)** | 0.6V to 5.5V |
| **Switching Frequency** | 400kHz to 800kHz |
| **Package Type** | 72-pin QFN (10mm x 10mm x 4mm) |
| **Efficiency** | Up to 93% |
---
### 3. Critical Pin Functions
Understanding the pinout is essential for integrating the XR79110 into a circuit.
* **SW (Switch Node):** The junction between the internal MOSFETs and the inductor.
* **PVIN:** The power input for the power stage.
* **VOUT:** The regulated output voltage terminal.
* **FB (Feedback):** Used to set the output voltage via an external resistor divider.
* **EN (Enable):** Logic input to turn the module on or off.
* **PGOOD (Power Good):** An open-drain output that signals when the output voltage is within 90% of the nominal regulation.
---
### 4. Implementation Circuitry
While the module is highly integrated, a few external passive components are required:
```c
// Typical Configuration Layout
[Input Source] -> [Input Capacitors (Ceramic)] -> PVIN
[VOUT Pin] -> [Output Capacitors (Ceramic)] -> [Load]
[FB Pin] -> [Resistor Divider to GND] -> (Sets Vout)
```
---
### 5. Features & Protection
* **Emulated Current Mode Control:** Provides excellent line and load regulation.
* **Protection Suite:** Includes Over-Current Protection (OCP), Over-Temperature Protection (OTP), and Short-Circuit Protection.
* **Soft-Start:** Programmable via an external capacitor to prevent inrush current during startup.
- ⤷
What are the layout best practices for thermal management with the XR79110?
- ⤷ How do I calculate the resistor divider values for a specific output voltage?
- ⤷ What is the difference between the XR79110 and the XR79115?