Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • XHS35F-100-R2-FS-EPROGAB

  • AI
    The **XHS35F-100-R2-FS-EPROGAB** is a high-performance, heavy-duty incremental optical encoder manufactured by **BEI Sensors (Sensata Technologies)**. This specific model is designed for extreme industrial environments, typically used in motor feedback and motion control. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Part Number Breakdown Understanding the specific features of this model: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | XHS35 | Through-hollow shaft, 3.5-inch diameter housing | | **Shaft Size** | F | 1-inch diameter bore | | **Resolution** | 100 | 100 Pulses Per Revolution (PPR) | | **Mechanical** | R2 | Heavy-duty design with specific seal and bearing arrangement | | **Mounting** | FS | Flex Stud (Tether) mounting for anti-rotation | | **Electronics** | EPROG | Programmable Electronic output (usually multi-voltage) | | **Output Type** | AB | Standard A and B quadrature channels | --- ### 2. Electronic Specifications The "EPROG" electronic package is a versatile driver capable of handling various voltage ranges and signal requirements. * **Supply Voltage:** Usually 5 to 28 VDC. * **Output Channels:** A and B channels (Quadrature). This allows the controller to determine both speed and direction. * **Signal Type:** Differential (Line Driver). It utilizes complementary signals ($A, \bar{A}, B, \bar{B}$) to cancel out electromagnetic interference (EMI). * **Frequency Response:** Typically up to 300 kHz. * **Protection:** Includes reverse polarity protection and short-circuit protection on the output drivers. --- ### 3. Key Electronic Components Inside the housing, the encoder contains three primary electronic subsystems: 1. **Optical Engine:** A high-precision LED light source and a photodiode array. The photodiode converts the light passing through the 100-slot disk into low-level electrical pulses. 2. **Signal Conditioning:** An ASIC (Application Specific Integrated Circuit) that converts the raw analog photodiode signals into clean, square-wave digital pulses. 3. **Output Driver:** A heavy-duty line driver (often compatible with TTL or HTL logic) that pushes the signal through long cable runs without significant degradation. --- ### 4. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Resolution** | 100 PPR | | **Phase Phasing** | A leads B for clockwise rotation | | **Termination** | MS-Connector (standard for XHS35 series) | | **Housing Material** | Aluminum (Anodized) | | **Operating Temp** | -40°C to +100°C (standard range) | | **Enclosure Rating** | IP65 (Dirt and water splash resistant) | --- ### 5. Application Areas Due to its rugged "R2" design and hollow-shaft mounting, this encoder is commonly found in: * **AC Induction Motors:** For closed-loop speed control. * **Oil & Gas Equipment:** Where vibration and physical shock are high. * **Material Handling:** Conveyor synchronization and palletizing. * **Paper & Steel Mills:** Where high temperatures and debris are present.
    ✨ Follow-up Questions
    • ⤷ How do I wire the MS-connector for the AB output channels?
    • ⤷ Can the PPR be reprogrammed on this 'EPROG' model
    • ⤷ or is it fixed at 100?
    • ⤷ What are the compatible mating cables for the XHS35F series?