AI

The **WM5621LED** is a specific type of LED display module, typically categorized as a **7-segment LED display** or a small matrix display, often used in consumer electronics like microwave ovens, digital clocks, and industrial panels.
Below is a technical breakdown of its electronic components and characteristics.
---
## 1. Internal Architecture
The WM5621LED consists of several Light Emitting Diodes (LEDs) arranged in a specific pattern.
| Component | Description |
| :--- | :--- |
| **Die (Semiconductor)** | Gallium Arsenide (GaAs) or similar materials that emit light when current flows. |
| **Segments** | Usually 7 segments (A-G) plus a decimal point (DP). |
| **Common Terminal** | The shared connection point for all LEDs in a digit (either Common Anode or Common Cathode). |
| **Encapsulation** | Epoxy resin used to protect the dies and diffuse the light for even brightness. |
---
## 2. Electrical Specifications
To operate the WM5621LED safely, you must adhere to the following typical electrical parameters:
### Power Requirements
* **Forward Voltage ($V_F$):** Typically **1.8V to 2.2V** for Red LEDs; **3.0V to 3.4V** for Blue/Green/White versions.
* **Forward Current ($I_F$):** Usually **10mA to 20mA** per segment for optimal brightness.
* **Peak Current:** Can handle up to 60mA-100mA during short-duration pulsing (multiplexing).
### Wiring Configuration
1. **Common Anode (CA):** All positive sides of the LEDs are tied together. You switch the "Ground" (Low) to turn a segment on.
2. **Common Cathode (CC):** All negative sides are tied together. You switch the "Voltage" (High) to turn a segment on.
---
## 3. Pinout and Integration
The device usually features a dual-inline pin (DIP) configuration for PCB mounting.
```arduino
// Example Logic for Driving a Segment (Common Cathode)
int segmentA = 2; // Pin connected to Segment A
void setup() {
pinMode(segmentA, OUTPUT);
}
void loop() {
digitalWrite(segmentA, HIGH); // Turn segment ON
delay(1000);
digitalWrite(segmentA, LOW); // Turn segment OFF
delay(1000);
}
```
---
## 4. Key External Components Required
When building a circuit with the WM5621LED, you cannot connect it directly to a power source or microcontroller without these parts:
* **Current-Limiting Resistors:** Essential to prevent the LEDs from burning out. Calculation: $R = (V_{source} - V_F) / I_F$.
* **Transistors (BC547 / PN2222):** Used as switches if the microcontroller cannot provide enough current for multiple digits.
* **Shift Register (e.g., 74HC595):** Often used to control the display using fewer pins on an Arduino or ESP32.
* **Display Driver IC (e.g., MAX7219):** Simplifies the wiring by handling multiplexing and current control internally.
---
- ⤷
What is the difference between Common Anode and Common Cathode configurations?
- ⤷ How do I calculate the exact resistor value for a 5V power supply?
- ⤷ Can the WM5621LED be dimmed using PWM?