AI

The **WL40MW1F-R/S** refers to a specific series of high-frequency Microwave Motion Sensor modules, typically based on the **Doppler Effect**. These components are widely used in automated lighting, security systems, and smart home devices.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The module operates by emitting high-frequency electromagnetic waves (usually in the C-Band or X-Band) and measuring the change in frequency reflected from moving objects.
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Operating Voltage** | 4.5V – 12V DC | Volts |
| **Operating Frequency** | 5.8 GHz | GHz |
| **Detection Range** | 2 – 12 (Adjustable) | Meters |
| **Output Signal** | 3.3V TTL High/Low | Digital |
| **Power Consumption** | ~30 - 50 | mA |
| **Transmitting Power** | < 0.5 | mW |
---
### 2. Key Electronic Components
The "R/S" suffix usually denotes variations in **Rectifier** or **Sensor** sensitivity configurations. The internal circuitry generally consists of:
* **Oscillator (DRO):** A Dielectric Resonator Oscillator that generates the stable 5.8GHz microwave signal.
* **Mixer:** Combines the transmitted signal and the received (reflected) signal to extract the "Intermediate Frequency" (IF) or Doppler shift.
* **Operational Amplifiers (Op-Amps):** Usually a dual or quad op-amp (like the LM324 or similar) used to amplify the tiny micro-volt signals from the mixer into a usable square wave.
* **Control IC:** A dedicated timing IC or microcontroller that handles the "Hold Time" (how long the light stays on) and the "Lux" (daylight) sensing logic.
---
### 3. Pinout and Interface
Most variations of this module utilize a 3-pin or 5-pin interface for easy integration.
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power Input | Connect to positive DC supply (e.g., 5V). |
| **GND** | Ground | Common negative return. |
| **OUT** | Control Signal | High (3.3V) when motion is detected; Low (0V) when idle. |
| **CDS (Optional)** | Photosensitive | Pin for an external LDR to disable the sensor during daylight. |
---
### 4. Comparison: Microwave vs. PIR
The WL40MW1F series offers several electronic advantages over standard Passive Infrared (PIR) sensors:
* **Penetration:** Microwave signals can pass through thin walls, glass, and plastic enclosures, allowing the electronic parts to be hidden inside a fixture.
* **Stability:** Less affected by ambient temperature changes compared to PIR sensors.
* **Sensitivity:** Capable of detecting very minute movements (like breathing) at close range.
---
### 5. Application Circuit Example
```c
// Example Logic for Arduino/MCU Integration
int sensorPin = 2; // Connected to 'OUT' on WL40MW1F
int ledPin = 13;
void setup() {
pinMode(sensorPin, INPUT);
pinMode(ledPin, OUTPUT);
}
void loop() {
int motion = digitalRead(sensorPin);
if (motion == HIGH) {
digitalWrite(ledPin, HIGH); // Motion detected
} else {
digitalWrite(ledPin, LOW); // No motion
}
}
```
- ⤷What is the maximum detection angle for the 5.8GHz WL40 series?
- ⤷ How do I adjust the sensitivity and delay time on this specific module?
- ⤷ Can the WL40MW1F operate behind metal enclosures?