WJPAD2-7DA-R
AI

The **WJPAD2-7DA-R** is a specific electronic component, typically classified as a high-density, high-speed connector, often used in board-to-board or mezzanine applications. It is part of a series designed for telecommunications and data processing equipment.
---
### ## Technical Specifications
Below are the general characteristics typically associated with this part number:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Mezzanine / Board-to-Board Connector |
| **Number of Pins** | 7-row / High density (Variable based on configuration) |
| **Mounting Type** | Surface Mount (SMT) |
| **Plating** | Gold (R suffix often denotes RoHS compliance and specific reel packaging) |
| **Application** | High-speed signal transmission |
---
### ## Key Electronic Features
1. **Signal Integrity:**
Designed to minimize crosstalk and impedance mismatch, making it suitable for high-frequency data signals (such as PCIe or Ethernet backplanes).
2. **Contact Design:**
The "DA" designation usually refers to a specific contact style or mating height, ensuring a secure electrical connection despite thermal expansion or mechanical vibration.
3. **Durability:**
Constructed with high-temperature thermoplastics to withstand lead-free soldering processes (reflow oven temperatures).
4. **Shielding:**
Many parts in this series include integrated ground planes or shielding to prevent Electromagnetic Interference (EMI).
---
### ## Common Use Cases
* **Networking Gear:** Switches and routers requiring high-speed daughtercard connections.
* **Industrial Computing:** Modular embedded systems where multiple PCBs are stacked.
* **Medical Imaging:** Transferring large volumes of sensor data to processing units.
---
### ## Handling and Assembly
When working with the **WJPAD2-7DA-R**, consider the following:
* **Coplanarity:** Ensure the SMT pads are perfectly flat to avoid "open" solder joints across the high pin-count footprint.
* **Moisture Sensitivity:** These components should be stored in moisture-barrier bags (MBB) to prevent damage during reflow.
* **Mating Force:** Due to the high number of pins, specialized alignment tools or careful manual insertion is required to avoid bending the contacts.
- ⤷
What is the exact pitch spacing for the WJPAD2 series?
- ⤷ Is there a compatible mating part number for this connector?
- ⤷ What are the specific soldering temperature profiles recommended for the 'R' suffix version?