WJPAD2-101-R
AI

The **WJPAD2-101-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Profile Jack** or a specialized **D-Sub/Data Connector** variant. Based on industrial electronic part naming conventions (often associated with manufacturers like *Singatron* or *Walsin*), this part is designed for high-density PCB layouts.
---
### 1. Key Technical Specifications
While exact specifications can vary slightly by manufacturer, the "WJPAD" series generally follows these parameters:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Power / Signal Interface Connector |
| **Mounting Type** | Surface Mount (SMD) / Right Angle |
| **Number of Pins** | Dependent on series (often 2-4 for power jacks) |
| **Current Rating** | Typically 2A to 5A |
| **Voltage Rating** | 12V to 24V DC |
| **Contact Resistance** | ≤ 30mΩ |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Functional Breakdown
The part number can be broken down into specific electronic characteristics:
* **WJ (Series Prefix):** Usually identifies the manufacturer's product family (e.g., Waterproof or Power Jack series).
* **PAD:** Indicates the contact style or the specific footprint geometry (Pad-style mounting).
* **2-101:** Internal design code representing the specific physical dimensions and pin configuration.
* **-R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances) and often implies **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 3. Application Use-Cases
These components are commonly found in compact consumer electronics and industrial hardware:
1. **Mobile Devices:** Charging ports for tablets or handheld scanners.
2. **IoT Modules:** Power delivery interfaces for small sensor nodes.
3. **Automotive Electronics:** Internal signal routing where vertical space is limited.
4. **Network Hardware:** Low-profile power inputs for routers or modems.
---
### 4. PCB Footprint Example
When integrating this part into a CAD tool (like Altium or KiCad), the footprint typically requires:
```cpp
// Typical Pad Configuration for WJPAD Series
- Pad 1: VCC (Positive Terminal)
- Pad 2: GND (Ground/Shield)
- Solder Tabs: Mechanical stability (Non-electrical)
```
---
- ⤷
What are the exact physical dimensions of the WJPAD2-101-R?
- ⤷ Is there a waterproof (IP-rated) version of this connector?
- ⤷ Which manufacturer produces the WJPAD2-101-R?