AI

The **WJM-14WA-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Buzzer** or a **Piezoelectric Transducer**, often used in automotive and industrial applications for audible signaling.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The WJM-14WA-R is designed for high-reliability environments where space is limited but high sound pressure levels (SPL) are required.
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Type** | Magnetic / Transducer | - |
| **Rated Voltage** | 1.5 - 12 (Model dependent) | V |
| **Operating Voltage** | 1.0 - 15 | V |
| **Current Consumption** | Max 40 - 80 | mA |
| **Sound Pressure Level (SPL)** | Min 85 (at 10cm) | dB |
| **Resonant Frequency** | 2400 ± 300 | Hz |
| **Operating Temp** | -40 to +85 | °C |
---
### 2. Key Electronic Features
* **SMD Construction:** The "WA-R" suffix often indicates a **Surface Mount Device** package, designed for automated pick-and-place assembly and reflow soldering.
* **External Drive:** As a transducer, it usually requires an **external oscillation circuit**. It does not produce sound simply by applying DC voltage; it requires a square wave input at its resonant frequency (approx. 2400Hz) to vibrate the internal diaphragm.
* **Polarity:** These components are polarized. There is usually a "+" mark on the casing or a chamfered corner to indicate the positive terminal.
* **Materials:** Typically housed in a high-temperature LCP (Liquid Crystal Polymer) plastic to withstand lead-free reflow soldering temperatures.
---
### 3. Typical Application Circuit
Because it is an external drive type, a simple transistor switching circuit is commonly used to interface with a Microcontroller (MCU).
```cpp
// Example: Driving via Arduino/MCU
void setup() {
pinMode(9, OUTPUT); // Connect to Base of NPN Transistor
}
void loop() {
tone(9, 2400); // Send 2.4kHz Square Wave
delay(500);
noTone(9);
delay(500);
}
```
---
### 4. Common Use Cases
1. **Automotive:** Dashboard alerts, seatbelt reminders, or parking sensors.
2. **Industrial:** Error indicators on PCBs or PLC modules.
3. **Consumer Electronics:** Alarm clocks, microwave timers, and medical devices.
---
- ⤷
Does the WJM-14WA-R require a specific wave type for optimal sound?
- ⤷ What is the maximum reflow temperature this part can withstand?
- ⤷ Can this component be driven directly by a microcontroller pin without a transistor?