W2XR-4Z1V2-R
AI

The **W2XR-4Z1V2-R** is a specific electronic component, typically categorized as a **high-precision power resistor** or a **shunt resistor**, often used in industrial and automotive power management systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This component is designed for applications requiring high reliability and low resistance values to measure current flow.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Current Sense / Shunt Resistor |
| **Resistance Value** | Low Ohmic (Variable by sub-series, often in mΩ range) |
| **Power Rating** | High Power (Often 2W to 5W depending on mounting) |
| **Tolerance** | ±1% or better |
| **Temperature Coefficient (TCR)** | Low (typically <50 ppm/°C) |
| **Material** | Metal Element / Ceramic substrate |
---
### 2. Key Electronic Parts & Construction
The internal architecture of the W2XR series is built to handle heat and maintain stability:
1. **Resistive Element:** Usually a specialized metal alloy (like Manganin or NiCr) that maintains a stable resistance even as temperatures rise.
2. **Protective Coating:** A high-temperature epoxy or silicone coating that protects the resistive element from oxidation and humidity.
3. **Terminations:** Standardized solderable end-caps designed for Surface Mount Technology (SMT) or specialized through-hole mounting to ensure a low-impedance connection.
---
### 3. Functional Application
In an electronic circuit, the W2XR-4Z1V2-R typically functions as a **Current Transducer**.
* **Ohm’s Law Implementation:** By placing this resistor in series with a load, a small voltage drop is created ($V = I \times R$).
* **Monitoring:** An Integrated Circuit (IC) or Microcontroller measures this voltage drop to calculate the exact current flowing through the system.
* **Protection:** Used for over-current protection and battery management systems (BMS).
---
### 4. Code Block: Typical Current Calculation
If you are using this resistor in a circuit, you would use a code snippet like this to calculate the current in an embedded system:
```python
# Constants for the W2XR series shunt
RESISTANCE_OHMS = 0.005 # Example: 5mOhm
VOLTAGE_DROP_V = 0.025 # Measured by ADC
def calculate_current(v_drop, r_val):
# Current (A) = Voltage (V) / Resistance (R)
return v_drop / r_val
current = calculate_current(VOLTAGE_DROP_V, RESISTANCE_OHMS)
print(f"Measured Current: {current} Amperes")
```
---
- ⤷
What is the maximum operating temperature for the W2XR series?
- ⤷ Does this component require specialized heatsinking for high-power use?
- ⤷ How does the TCR value affect current measurement accuracy in this part?