Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2VS-2A2-R

  • AI
    ## Detailed Technical Overview: W2VS-2A2-R The **W2VS-2A2-R** is a high-performance, signal conditioning isolator typically manufactured by **M-System (MG CO., LTD)**. It belongs to the "W2" series of ultra-slim, signal splitters designed to take one input and provide two isolated outputs. ### 1. General Specifications The device is primarily used in industrial automation to prevent ground loops and protect sensitive PLC/DCS equipment from electrical noise and voltage spikes. | Parameter | Specification | | :--- | :--- | | **Model Series** | W2VS Signal Splitter | | **Input Type** | Voltage or Current (Standard DC) | | **Output Type** | Dual Independent Outputs (Voltage/Current) | | **Isolation** | 3-way isolation (Input to Output 1 to Output 2 to Power) | | **Mounting** | DIN Rail | | **Accuracy** | Approximately ±0.1% | | **Response Time** | ≤ 0.5 seconds (standard) | --- ### 2. Breakdown of the Model Number The suffix **-2A2-R** indicates specific hardware configurations: | Code Segment | Meaning | | :--- | :--- | | **2** | **Input:** 0 – 10V DC | | **A** | **Output 1:** 4 – 20mA DC | | **2** | **Output 2:** 0 – 10V DC | | **R** | **Power Input:** 24V DC | --- ### 3. Key Electronic Components & Internal Architecture While the internal circuitry is proprietary, these devices generally consist of the following electronic blocks: * **Signal Input Stage:** High-impedance op-amps used for voltage sensing or low-resistance shunts for current sensing. * **Isolation Barrier:** Uses **Optical Coupling** (Photocouplers) or **Magnetic Coupling** (Transformers) to separate the input circuit from the output and power circuits. This prevents potential differences from damaging the control system. * **A/D and D/A Conversion:** Modern units often use a microprocessor to convert the analog input to a digital signal for precise filtering before converting it back to two independent analog signals. * **Power Supply Module:** A DC-to-DC converter that provides isolated power to the different sections of the module. * **Output Drivers:** Power transistors or specialized ICs that provide the constant current (4-20mA) or voltage (0-10V) drive capability. --- ### 4. Connection Diagram (Example) The device typically features 8 or 10 screw terminals. ```text [Terminals] [Function] 1 - 2 Input (+) / (-) 3 - 4 Output 1 (+) / (-) 5 - 6 Output 2 (+) / (-) 7 - 8 Power Supply (+) / (-) ``` --- ### 5. Common Applications 1. **Signal Splitting:** Sending a 0-10V sensor signal to both a local display (Output 1) and a remote PLC (Output 2). 2. **Noise Mitigation:** Eliminating "Ground Loops" where two pieces of equipment are at different earth potentials. 3. **Signal Conversion:** Converting a voltage signal (0-10V) into a current signal (4-20mA) for long-distance transmission.
    ✨ Follow-up Questions
    • ⤷What is the maximum isolation voltage rating for the W2VS series?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can the output types be changed via software or are they fixed hardware?