W2TS-3BB-R2/N
AI

The **W2TS-3BB-R2/N** belongs to a specific category of industrial automation components, typically associated with **Signal Conditioners** or **Isolation Transmitters**. These devices are critical in industrial environments to ensure that analog signals (like temperature or pressure) are transmitted accurately without interference from electrical noise or ground loops.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series (often manufactured by companies like **Watanabe Electric** or similar industrial controls providers), here are the primary electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Two-wire Signal Transmitter / Isolator |
| **Input Signal** | Typically DC Current (e.g., 4-20mA) or Voltage |
| **Output Signal** | 4-20mA DC (Loop Powered) |
| **Isolation** | Input to Output galvanic isolation |
| **Power Supply** | Loop-powered (usually 12V to 45V DC) |
| **Mounting** | DIN Rail or Plug-in Socket |
---
### 2. Functional Electronic Parts
The internal circuitry of the W2TS series is designed for high precision and stability. Key electronic sections include:
#### A. Signal Conditioning Front-end
* **Precision Resistors:** Used to convert input current into a proportional voltage.
* **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure the signal is buffered and scaled accurately before processing.
#### B. Galvanic Isolation Layer
* **Photocoupler / Transformer:** This part electronically separates the input circuit from the output circuit. It prevents high-voltage surges or ground potential differences from damaging the control system (PLC/DCS).
#### C. Power Management (Loop Power)
* **Zener Diodes & Regulators:** Since it is a "Two-wire" system, the device extracts its operating power directly from the 4-20mA output loop. These components ensure the internal electronics have a stable voltage despite fluctuations in the loop supply.
#### D. Zero and Span Adjustment
* **Potentiometers (Trimmers):** Located on the front or side of the unit (marked as `ZERO` and `SPAN`), these allow the user to calibrate the electronic offset and gain of the signal.
---
### 3. Application Use Case
In a typical electronic setup, the **W2TS-3BB-R2/N** acts as a "bridge":
1. **Sensor Input:** A sensor sends a raw signal.
2. **Conversion:** The W2TS converts this into a standardized 4-20mA signal.
3. **Protection:** It cleans the signal of noise.
4. **Long Distance:** It drives the signal over long cables to a control room with minimal loss.
---
### 4. Wiring Diagram Concept
```mermaid
graph LR
A[Input Signal] --> B[W2TS-3BB-R2/N]
B --> C[DC Power Supply]
B --> D[PLC / Controller]
C --- D
```
- ⤷
What is the exact input range for the '3BB' configuration of this model?
- ⤷ How do you calibrate the Zero and Span on this specific transmitter?
- ⤷ What is the maximum load resistance the output loop can handle?