W2TS-1BC-R2/N
AI

The **W2TS-1BC-R2/N** is a specific model of an **Industrial Signal Tower (Stack Light)**, typically manufactured by companies like Menics. These devices are used in automation and manufacturing environments to provide visual and audible status indications for machinery.
---
## Technical Specifications
The following table outlines the core electronic and physical characteristics of this specific model:
| Component | Specification |
| :--- | :--- |
| **Model Type** | W2TS Series (Wall Mount / Half-moon design) |
| **Light Tiers** | 2 Tiers (Red and Green) |
| **Light Style** | Steady (Continuous) light |
| **Voltage** | 24V AC/DC |
| **Mounting** | Wall Mount (Direct) |
| **Internal Light Source** | High-intensity LEDs |
| **Buzzer/Sounder** | Included (Indicated by the "B" in the code) |
---
## Electronic Components & Functionality
### 1. LED Modules
The device utilizes high-brightness LEDs instead of traditional incandescent bulbs. This offers several electronic advantages:
* **Low Power Consumption:** Operates efficiently on 24V.
* **Longevity:** LEDs are resistant to industrial vibrations and have a significantly longer lifespan.
* **Heat Dissipation:** Minimal heat generation compared to filament bulbs.
### 2. Control Logic
The unit is typically wired via a multi-core cable. Each color tier (Red and Green) and the Buzzer has its own dedicated signal wire.
* **Common Terminal:** Usually a shared ground or positive (depending on PNP/NPN logic).
* **Signal Input:** When 24V is applied to a specific wire, the corresponding LED tier or buzzer activates.
### 3. Integrated Buzzer
The "B" in the part number indicates an integrated **Piezoelectric Buzzer**.
* **Sound Level:** Typically around 80~85 dB at 1 meter.
* **Operation:** Can be wired to trigger simultaneously with the Red light (for emergency stops) or independently.
### 4. Housing & Protection
* **Material:** ABS resin base with Polycarbonate (PC) lenses.
* **Rating:** Usually rated at **IP54** or higher, meaning it is protected against dust ingress and water splashes, making it suitable for factory floors.
---
## Typical Application Wiring
```text
[Power Supply 24V]
|
+---- [Red Wire] ----> (Red LED Tier)
|
+---- [Green Wire] ----> (Green LED Tier)
|
+---- [Yellow/Orange] ----> (Buzzer)
|
+---- [Black/White] ----> (Common/Ground)
```
- ⤷
What are the specific wiring diagrams for NPN vs PNP configurations for this model?
- ⤷ Can the buzzer volume be adjusted on the W2TS series?
- ⤷ What is the maximum current draw per LED tier at 24V?