Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2TG0-221-R

  • AI
    The **W2TG0-221-R** is a specific electronic component belonging to the family of **Common Mode Chokes** (also known as common mode filters). It is primarily designed for high-speed signal integrity and electromagnetic interference (EMI) suppression in differential signal lines. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like Wurth Elektronik or similar suppliers). Below are the typical specifications for this component: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Inductance** | 220 $\Omega$ (at 100 MHz typical) | | **Rated Current** | Approximately 200mA - 400mA (model dependent) | | **DC Resistance (DCR)** | Low (typically < 0.5 $\Omega$) | | **Package / Case** | 0805 (2012 Metric) | | **Operating Temperature** | -40°C to +125°C | | **Termination** | Surface Mount (SMD/SMT) | --- ## 2. Key Functions The W2TG0-221-R serves two primary purposes in a circuit: 1. **Noise Suppression:** It filters out "Common Mode" noise (noise that appears on both signal lines in the same phase) while allowing the actual signal to pass through. 2. **Signal Integrity:** Because it is designed for high-speed lines, it maintains the quality of differential signals (like USB or HDMI) without distorting the data waveform. --- ## 3. Common Applications This part is typically found in consumer electronics and industrial interfaces where high-speed data transmission is required: * **USB 2.0 / 3.0 Ports:** To prevent EMI from radiating from the cable. * **HDMI / DisplayPort:** To ensure clean video signal transmission. * **CAN Bus:** Used in automotive and industrial communication to stabilize data against electrical noise. * **Ethernet Interfaces:** Protecting the magnetic stages from external interference. --- ## 4. Internal Structure The device consists of two coils wound around a single ferrite core. * **Differential Signals:** Magnetic fields cancel each other out, allowing the signal to pass with minimal impedance. * **Common Mode Noise:** Magnetic fields add up, creating high impedance that "chokes" the noise and prevents it from traveling further. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ How do I choose the correct impedance value for a choke?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this part?