W2SP-2DA-R2/Q
AI

The **W2SP-2DA-R2/Q** is a high-precision, space-saving signal conditioner (specifically a **Digital-to-Analog Converter/Transducer**) manufactured by **M-System**. It is part of the W2SP series, designed to convert digital communications into isolated DC output signals.
---
## 1. Core Specifications & Electronics
The electronic architecture of this module focuses on **signal isolation** and **precision conversion**.
| Feature | Specification |
|:---|:---|
| **Primary Function** | 2-channel Digital-to-Analog Conversion |
| **Power Input** | 24V DC (approx. 80mA) |
| **Output Type** | DC Voltage or Current (Factory calibrated per suffix) |
| **Isolation** | 2000V AC @1 minute (Input to output to power to ground) |
| **Communication** | Modbus-RTU (RS-485) |
| **Mounting** | DIN Rail Mounting |
---
## 2. Key Electronic Components & Subsystems
### A. Microprocessor Control
The "brain" of the unit handles the **Modbus-RTU protocol** stack. It receives digital values via the RS-485 interface and processes them into a format suitable for the internal D/A converter.
### B. Dual-Channel Isolation
The module uses **Optical or Magnetic Isolation** between the input (communication), the power supply, and the two output channels. This prevents ground loops and protects the PLC/Controller from high-voltage surges on the field side.
### C. Digital-to-Analog (D/A) Conversion
The unit features high-resolution converters (typically 12-bit or higher) that transform digital data into precise analog steps. The `/Q` designation often indicates a **Special Specification** (such as specific coating, customized calibration, or fast response times).
---
## 3. Terminal Connection Map
The module uses a tension-clamp or screw terminal system for wiring.
| Terminal No. | Function | Description |
|:---:|:---|:---|
| **1 – 2** | **Output 1** | Analog signal (+) and (-) |
| **3 – 4** | **Output 2** | Analog signal (+) and (-) |
| **5 – 6** | **RS-485** | A (+) and B (-) Communication lines |
| **7 – 8** | **Power** | 24V DC Input |
---
## 4. Usage Considerations
* **Termination Resistor:** Since it uses RS-485, ensure the end-of-line unit has a 110–120Ω resistor enabled.
* **Response Time:** The electronics are tuned for a response time of approximately **≤ 0.5 seconds** (0 to 90% signal).
* **Temperature Compensation:** Internal circuitry includes drift compensation to maintain accuracy within **±0.1%** across the operating temperature range (typically -5°C to +55°C).
- ⤷
What are the specific Modbus register addresses for the two output channels?
- ⤷ Does the /Q suffix indicate a specific conformal coating for harsh environments?
- ⤷ How do I configure the baud rate and station address for this specific model?