W2RS-4B2-R2
AI

The **W2RS-4B2-R2** is a specific part number typically associated with **Relay Terminal Modules** (often manufactured by companies like OMRON or WAGO, or used in industrial PLC interface systems). These modules are designed to bridge the gap between low-power control signals (from a PLC/Microcontroller) and high-power industrial loads.
Below is a breakdown of its electronic composition and technical specifications.
---
## 1. Core Component Breakdown
The module is not a single component but an assembly of several electronic parts integrated onto a DIN-rail mountable PCB.
| Component | Function |
| :--- | :--- |
| **Electromagnetic Relays** | The switching heart of the device. Typically 4 independent channels. |
| **Flyback Diodes** | Protects the driving circuit from voltage spikes when the relay coil de-energizes. |
| **LED Indicators** | Visual feedback showing the ON/OFF status of each specific channel. |
| **Terminal Blocks** | Screw or push-in connectors for secure industrial wiring (Input/Output). |
| **Varistors (Optional)** | Surge protection for the contact side to prevent arcing. |
---
## 2. Technical Specifications
Based on the standard nomenclature for the **W2RS** series, here are the electronic characteristics:
### A. Input (Coil) Side
* **Channels:** 4 (Independent control).
* **Rated Voltage:** Usually **24V DC** (Common in industrial automation).
* **Power Consumption:** Low wattage, designed to be driven directly by PLC transistors.
### B. Output (Contact) Side
* **Configuration:** 1c (SPDT - Single Pole Double Throw) or 1a (SPST-NO).
* **Max Switching Voltage:** 250V AC / 30V DC.
* **Max Switching Current:** Typically 5A to 10A per channel (depending on the specific relay mounted).
---
## 3. Circuit Logic
The "R2" suffix often denotes the specific wiring polarity or the type of relay socket used. In these modules, the internal circuitry usually follows this logic:
```c
[PLC Output] --> [Internal Optocoupler/Transistor] --> [Relay Coil] --> [LED Indicator]
|
[Protection Diode]
```
### Key Electronic Features:
1. **Galvanic Isolation:** The mechanical nature of the relay ensures that the high-voltage load side is physically separated from the sensitive 24V control logic.
2. **Modular Replacement:** The "R2" series often allows for individual relays to be replaced without unsoldering, using a plug-in socket system.
3. **Common Terminal Options:** These modules often feature a "Shorting Bar" or "Common" jumper to simplify wiring when multiple loads share a single power source.
---
## 4. Application Wiring
When integrating the W2RS-4B2-R2, the electronic interface follows a standard pattern:
* **CN1 (Input):** Connects to the PLC Output Card.
* **Terminals 1-4:** Output contacts connected to motors, solenoids, or heaters.
* **VCC/GND:** External power supply to energize the relay coils.
---
- ⤷
What is the maximum switching frequency for the W2RS-4B2-R2 relays?
- ⤷ Does this model support NPN or PNP logic for the input triggers?
- ⤷ What are the specific dimensions for DIN-rail mounting this module?