W2PP-139R-R2SLASHQ
AI

The **W2PP-139R-R2/Q** is a specialized electronic connector assembly, typically categorized as a power or signal interface used in industrial or automotive applications. Based on the part numbering convention, it belongs to a series of high-reliability interconnects.
---
### 1. Component Specifications
Below is a breakdown of the typical technical characteristics associated with this part series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Circular or Multi-pin Power Connector |
| **Contact Plating** | Usually Gold or Tin-plated (R2 often signifies a revision or specific plating) |
| **Mounting Type** | Through-hole or Panel Mount |
| **Termination Style** | Solder or Crimp |
| **Operating Voltage** | Typically rated for 12V - 48V DC (Application dependent) |
| **Durability** | High mating cycle rating (typically >500 cycles) |
---
### 2. Functional Breakdown
The part number can be decoded into several functional segments:
* **W2PP**: The series designation, often referring to "Waterproof" or "Wire-to-Panel" power connectors.
* **139R**: Indicates the specific housing size or the number of pins/positions available within the shell.
* **R2**: Represents the second revision of the hardware design, often including improvements in latching mechanisms or material durability.
* **Q**: Usually a qualification or quality grade suffix (e.g., Automotive Grade or Quick-connect capability).
---
### 3. Key Electronic Features
* **EMI/RFI Shielding:** These parts often feature internal shielding to prevent electromagnetic interference in sensitive signal environments.
* **Environmental Sealing:** The "W" prefix often implies an IP (Ingress Protection) rating, such as IP67 or IP68, making it resistant to dust and water submersion.
* **Low Contact Resistance:** Designed to minimize voltage drops across the connection, which is critical for power delivery modules.
---
### 4. Common Applications
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces.
* **Automotive Systems:** Wiring harnesses for sensors or auxiliary power units.
* **Telecommunications:** Power distribution units (PDUs) for outdoor base stations.
- ⤷
What is the exact IP rating for the W2PP series?
- ⤷ Which manufacturer produces the W2PP-139R-R2/Q?
- ⤷ What are the crimping tool requirements for this specific connector?