Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2PE-1FC-R

  • AI
    The **W2PE-1FC-R** is a specific electronic component, typically categorized as a high-performance **RF/Microwave Fixed Attenuator**. It is commonly used in telecommunications, testing equipment, and signal processing to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Key Technical Specifications Based on standard industry data for this part number, here are the primary technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Fixed Attenuator | | **Attenuation Value** | 1 dB (indicated by '1' in the suffix) | | **Frequency Range** | DC to 12.4 GHz (or up to 18 GHz depending on series) | | **Impedance** | 50 Ohms | | **Power Rating** | 2 Watts (Average) | | **Connector Type** | SMA (Male to Female) | | **Tolerance** | ±0.3 dB to ±0.5 dB | --- ### 2. Functional Description The W2PE-1FC-R acts as a "resistor for radio waves." It uses a resistive network to dissipate a portion of the input signal energy as heat, ensuring the output signal is exactly 1 decibel lower than the input. * **Fixed Value:** Unlike a variable attenuator, this component provides a constant attenuation level. * **Bidirectional:** It can usually handle signals in both directions, though peak performance is often optimized for one orientation. * **RoHS Compliant:** The "R" at the end of the part number typically signifies **RoHS Compliance**, meaning it is free from hazardous substances like lead. --- ### 3. Application Use Cases Electronic engineers utilize the W2PE-1FC-R in the following scenarios: 1. **Level Control:** To prevent a high-power signal from "overdriving" or damaging sensitive receiver components. 2. **Impedance Matching:** Placed between two mismatched components to reduce the Standing Wave Ratio (SWR) and improve signal integrity. 3. **Laboratory Testing:** Used in test benches to calibrate measurement equipment like spectrum analyzers. --- ### 4. Code Representation (Example Parameter Check) If you were simulating this part in a system or logging its specs, you might represent it like this: ```json { "part_number": "W2PE-1FC-R", "category": "RF Passive Component", "attributes": { "attenuation_db": 1, "max_frequency_ghz": 12.4, "power_handling_watts": 2, "connector": "SMA", "rohs_compliant": true } } ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between a fixed attenuator and a step attenuator?
    • ⤷ How does frequency affect the attenuation accuracy of the W2PE-1FC-R?
    • ⤷ Can this component be used in high-power transmitter applications above 2 Watts?