W2PE-14WA-R2
AI

The **W2PE-14WA-R2** is a specific electrical connector component, typically categorized as a high-density, wire-to-board or wire-to-device header. This specific part number is often associated with automotive or industrial control systems where vibration resistance and environmental sealing are critical.
---
### 1. Key Technical Specifications
Below are the general characteristics typically found in this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | W2PE-14WA-R2 |
| **Connector Type** | Header / Plug Housing |
| **Number of Positions** | 14 Pins |
| **Row Configuration** | Dual Row (7x2) |
| **Mounting Type** | Through-hole / Right Angle (WA usually denotes Water-resistant/Right Angle) |
| **Pitch** | Typically 2.0mm to 2.54mm (standard for signal density) |
| **Housing Material** | Thermoplastic (High Temp) |
---
### 2. Functional Breakdown
#### A. Pin Configuration (14-Way)
The "14" in the part number indicates it accommodates 14 independent electrical paths. In control modules (ECUs), these are often split between:
* **Power/Ground:** 2-4 pins.
* **Signal/Data:** 10-12 pins for sensors or CAN bus communication.
#### B. Environmental Protection
The "W" in the prefix often signifies **Waterproof** or **Weather-resistant** capabilities. This part is designed to be paired with a mating connector that includes a silicone or rubber seal to prevent moisture ingress (IP67 or higher).
#### C. Physical Orientation (Right Angle)
The "WA" suffix indicates a **Right Angle** orientation. This means the pins are bent at 90 degrees relative to the PCB surface. This is used to:
* Save vertical space in a housing.
* Allow the cable to exit parallel to the circuit board.
---
### 3. Common Applications
Due to its robust design and 14-pin density, the W2PE-14WA-R2 is commonly found in:
1. **Automotive ECUs:** Connection points for engine sensors or lighting controllers.
2. **Industrial Automation:** Interface for PLC (Programmable Logic Controller) expansion modules.
3. **Heavy Machinery:** Cabin controls where dust and humidity protection are required.
---
### 4. Mating and Compatibility
To utilize this part, it must be paired with a corresponding **Female Housing** and **Crimp Terminals**. Using mismatched brands or series can result in:
* Loss of environmental seal.
* Inconsistent electrical contact.
* Mechanical failure of the locking tab.
- ⤷
What is the exact pin pitch and current rating for the W2PE-14WA-R2?
- ⤷ Are there alternative part numbers for the female mating connector?
- ⤷ Does this connector support high-speed data protocols like Ethernet or just low-speed signals?