W2PA-5GF-R/N
AI

The **W2PA-5GF-R/N** is a specialized high-speed connector, typically belonging to the **Floating Board-to-Board** connector category. These components are designed to handle high-speed data transmission while compensating for alignment errors during the assembly of multiple PCBs (Printed Circuit Boards).
---
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Floating Board-to-Board Connector |
| **Pitch** | Generally 0.5mm or 0.8mm (Series dependent) |
| **Transmission Speed** | Up to 10 Gbps+ (Supports PCIe Gen3/Gen4, SATA, etc.) |
| **Floating Range** | X and Y directions (approx. ±0.5mm to ±0.8mm) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Contact Material** | Copper Alloy with Gold Plating |
---
### 2. Physical Structure and Mechanics
The "Floating" mechanism is the most critical electronic/mechanical part of this component.
* **Spring-Loaded Contacts:** The internal terminals are shaped like springs. This allows the connector head to move independently of the base soldered to the PCB.
* **Wiping Action:** The contacts are designed to "wipe" against each other during mating to remove dust and ensure a low-resistance electrical connection.
* **Dual-Contact Points:** High-reliability versions often feature two contact points per terminal to ensure connectivity even under high vibration.
---
### 3. Electronic Performance Features
1. **Impedance Matching:** The internal geometry is engineered to maintain a 100Ω (differential) or 50Ω (single-ended) impedance, which is crucial for preventing signal reflection in high-speed circuits.
2. **Crosstalk Suppression:** The shielding and pin-out arrangement are optimized to reduce EMI (Electromagnetic Interference) and crosstalk between adjacent signal pairs.
3. **Current Rating:** Despite being high-speed data connectors, they usually support a current of roughly 0.5A to 1.0A per pin for power delivery.
---
### 4. Common Applications
These parts are predominantly found in industrial and automotive electronics where multiple boards are stacked:
* **Automotive Infotainment:** Connecting the display board to the main processing unit.
* **Industrial Automation:** PLCs and robotic controllers.
* **Telecommunications:** Base stations and networking hardware.
---
- ⤷
What is the maximum data rate supported by the W2PA series?
- ⤷ How does the floating mechanism impact signal integrity?
- ⤷ What are the soldering requirements for the SMT pads on this connector?