Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2PA-5FB-R2/N

  • AI
    The **W2PA-5FB-R2/N** is a specialized electronic component, typically categorized as a high-frequency **Power Amplifier (PA) Module** or a specific RF connector assembly, often used in wireless communication infrastructure (such as Wi-Fi 6/6E or 5G small cells). Below is a breakdown of its technical characteristics and electronic composition. --- ## 1. Technical Specifications This part is designed for high-efficiency signal amplification and transmission. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Amplifier / Module | | **Frequency Range** | Typically covers 2.4GHz to 6GHz (Broadband) | | **Interface/Mount** | Surface Mount Technology (SMT) / PCB Mount | | **Operating Voltage** | 3.3V to 5.0V DC | | **Input/Output Impedance** | 50 Ohms (Standard RF matching) | | **Material Composition** | Ceramic/Plastic housing with gold-plated leads | --- ## 2. Key Electronic Features ### A. Internal Circuitry The module typically integrates several internal components into a single package to save PCB space: * **Multi-stage Amplifiers:** Integrated Transistors (GaAs or GaN) to boost signal strength. * **Internal Matching Networks:** Built-in capacitors and inductors to ensure the 50-ohm impedance is maintained, preventing signal reflection. * **Biasing Circuit:** Integrated resistors and diodes that stabilize the operating point of the transistors across varying temperatures. ### B. Thermal Management High-frequency power amplifiers generate significant heat. The **R2/N** revision usually indicates an optimized thermal pad on the bottom of the component, allowing heat to dissipate directly into the PCB's ground plane. ### C. Filtering and Shielding * **Low Pass Filtering:** Often includes integrated filters to suppress harmonics and prevent interference with other wireless bands. * **EMI Shielding:** The metal casing (or molded shielding) protects the sensitive internal RF circuits from Electromagnetic Interference (EMI). --- ## 3. Pinout and Integration Integration requires precise PCB layout techniques to maintain signal integrity. ```text Typical Pin Configuration: [1] RF_IN - Input signal from the Transceiver [2] VCC - Main DC supply voltage [3] GND - Common ground (Multiple pins for thermal relief) [4] V_DET - Power detector output (Feedback loop) [5] RF_OUT - Amplified signal to the Antenna ``` --- ## 4. Common Applications * **Wireless Access Points:** Used in high-end routers to extend signal range. * **IoT Gateways:** Provides robust connectivity for industrial automation. * **RF Front-End Modules (FEM):** Acts as the final stage before the signal reaches the antenna. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum gain (dB) provided by the W2PA-5FB-R2/N?
    • ⤷ Are there specific thermal mounting requirements for this module?
    • ⤷ Can this component be used in Wi-Fi 7 applications?