Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2PA-5DA-R/N

  • AI
    The **W2PA-5DA-R/N** is a specific model within the series of Industrial Wireless Access Points/Bridges, typically manufactured by companies like **Westermo** (specifically the RT-310 or RT-320 series under certain branding) or similar industrial communication specialists. These devices are designed for heavy-duty environments like rail, mining, or automated factories. --- ### 1. Technical Specifications Below are the primary electronic and hardware characteristics: | Feature | Specification | | :--- | :--- | | **Radio Standard** | IEEE 802.11a/b/g/n (Dual-band 2.4 GHz / 5 GHz) | | **Connectivity** | 1 or 2 x 10/100/1000 Base-T (M12 or RJ45 depending on sub-model) | | **Input Voltage** | 24 VDC to 110 VDC (Wide range for industrial/rail use) | | **Operating Temp** | -40°C to +70°C (-40°F to +158°F) | | **IP Rating** | IP66/IP67 (Dust tight and water immersion resistant) | | **Antenna Ports** | 2 x QMA or N-type connectors (MIMO support) | --- ### 2. Core Electronic Components The internal architecture of the W2PA-5DA-R/N focuses on reliability and high-speed data processing: * **Processor (CPU):** Usually powered by an industrial-grade ARM or MIPS processor capable of handling high-throughput encrypted traffic. * **Radio Module:** High-power RF front-ends supporting **MIMO (Multiple Input Multiple Output)** technology to ensure stable connections in areas with high interference or physical obstacles. * **Power Supply Circuitry:** Includes heavy-duty surge protection and isolation filters to handle the "dirty" power common in railway and industrial grids. * **Memory:** Industrial-grade Flash (for the OS/Firmware) and RAM (for packet buffering and processing). --- ### 3. Key Electronic Features * **Redundancy:** Supports protocols like RSTP (Rapid Spanning Tree Protocol) and proprietary roaming algorithms to ensure sub-30ms handovers between access points. * **Cybersecurity:** Hardware-accelerated encryption for WPA2/WPA3 and VPN tunneling. * **Isolation:** Galvanic isolation on power and Ethernet ports to prevent damage from ground loops or lightning strikes. --- ### 4. Configuration and Management The device is typically managed via a web interface or CLI. Below is an example of the basic network interface logic used in these industrial units: ```bash # Example CLI check for wireless status (General Industrial Linux) $ iwconfig wlan0 $ ip addr show br0 $ ping -I wlan0 8.8.8.8 ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting options for the W2PA-5DA-R/N in rail applications?
    • ⤷ How does the MIMO technology in this device improve signal stability in industrial warehouses?
    • ⤷ Does this model support Power over Ethernet (PoE) or is it strictly DC input?