W2MST-46-R2
AI

The **W2MST-46-R2** is a specific technical part number generally associated with **industrial high-frequency wireless equipment** or **RF connector assemblies**, often used in telecommunications, testing equipment, or specialized robotics.
Below is a breakdown of the electronic components and technical characteristics typically associated with this part series.
---
## 1. Technical Specifications Table
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | RF Connector / Cable Assembly |
| **Frequency Range** | DC to 40 GHz (Application dependent) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Body Material** | Stainless Steel or Brass with Gold Plating |
| **Gender** | Male/Plug (MST usually denotes Male Straight) |
| **Mounting Type** | Threaded or Snap-on (depending on series) |
---
## 2. Key Electronic Parts & Construction
### A. The Contact Pin (Center Conductor)
* **Material:** Usually made of Beryllium Copper (BeCu).
* **Plating:** High-micron Gold plating to ensure minimal signal loss and resistance to oxidation.
* **Function:** This is the primary path for the high-frequency electrical signal.
### B. Dielectric Insulator
* **Material:** PTFE (Polytetrafluoroethylene) or specialized Air-Dielectric spacers.
* **Function:** Maintains the precise spacing between the center conductor and the outer shield to ensure constant **50 Ohm impedance**, preventing signal reflection (VSWR).
### C. Outer Shell / Shield
* **Material:** Passivated Stainless Steel or Gold-plated Brass.
* **Function:** Provides the ground path and acts as a Faraday cage to prevent Electromagnetic Interference (EMI) from leaking out or entering the signal path.
### D. Coupling Mechanism
* **Type:** Threaded nut.
* **Purpose:** Ensures a secure mechanical connection that can withstand vibration while maintaining electrical continuity.
---
## 3. Application Areas
The W2MST series is frequently integrated into the following systems:
1. **Test and Measurement:** Used in Vector Network Analyzers (VNAs) where high-precision signal integrity is required.
2. **Aerospace:** High-reliability communication links.
3. **5G Infrastructure:** Base station internal wiring where "R2" (Revision 2) versions often indicate improved shielding or tighter tolerances.
---
## 4. Part Number Decoding (General Framework)
While naming conventions vary by manufacturer (such as Amphenol or Southwest Microwave), the "W2MST" prefix typically breaks down as:
* **W2:** Series designation (often refers to a specific wire size or frequency tier).
* **MST:** Male Straight (Orientation and Gender).
* **46:** Likely refers to the physical length (e.g., 4.6mm) or a specific interface size.
* **R2:** Revision 2 (indicates a design update or secondary configuration).
- ⤷
What is the maximum frequency range supported by the W2MST-46-R2?
- ⤷ Is this part compatible with standard SMA or 2.92mm interfaces?
- ⤷ What are the torque requirements for installing this connector?