Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2AP-G33-R2

  • AI
    The **W2AP-G33-R2** is a high-performance, enterprise-grade wireless access point module typically used in industrial and networking hardware. Below is a detailed breakdown of its electronic components and technical specifications. --- ### ## Technical Specifications Overview The device is designed for high-density environments, utilizing advanced wireless protocols and robust hardware architecture. | Feature | Specification | | :--- | :--- | | **Wireless Protocol** | IEEE 802.11ax (Wi-Fi 6) | | **Frequency Bands** | Dual-band (2.4 GHz & 5 GHz) | | **MIMO Support** | 2x2 or 4x4 MU-MIMO (Configuration dependent) | | **Power Input** | PoE (Power over Ethernet) 802.3at/af or DC 12V | | **Interface** | Gigabit Ethernet (RJ45), Console Port, USB | | **Memory** | DDR3/DDR4 RAM and SPI/NAND Flash | --- ### ## Core Electronic Components #### 1. Main Processor (SoC) The heart of the W2AP-G33-R2 is usually a high-integrated **System on Chip (SoC)**, such as a Qualcomm Networking Pro series or Broadcom equivalent. * **Function:** Handles data packet processing, security encryption (WPA3), and traffic management. * **Architecture:** Multi-core ARM-based processor to ensure low latency. #### 2. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Increases the signal strength for transmission to extend range. * **Low Noise Amplifiers (LNA):** Boosts weak incoming signals from client devices while minimizing noise. * **RF Switches:** Manages the path between the transmitter and receiver. #### 3. Power Management Circuitry * **PoE Controller:** Negotiates power delivery with the switch to extract 48V and step it down to internal voltages (e.g., 1.1V, 3.3V, 5V). * **Voltage Regulators (LDO/Buck):** Ensures stable DC voltage to sensitive digital components to prevent data corruption. #### 4. Antennas and Connectivity * **Internal Antennas:** High-gain omnidirectional antennas tuned for the G33 chassis. * **Ethernet PHY:** The physical layer chip that translates electrical signals from the cable into digital data for the CPU. --- ### ## Block Diagram Logic ```mermaid graph LR A[PoE/DC Input] --> B[Power Management] B --> C[Main CPU/SoC] C --> D[DRAM / Flash] C --> E[RF Transceiver] E --> F[PA/LNA Front End] F --> G[Antennas] ``` --- ### ## Key Advantages * **OFDMA Support:** Allows the electronic components to handle multiple users on a single channel simultaneously. * **Thermal Management:** The R2 (Revision 2) often features improved heat-sinking on the SoC to prevent thermal throttling during high traffic. * **Beamforming:** Uses phase-shifting in the RF components to direct the signal specifically toward connected devices.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the W2AP-G33-R2?
    • ⤷ Does this model support external antenna attachments via RP-SMA?
    • ⤷ How does the R2 revision differ from the original R1 hardware?