The question interval is too short. Please try again in a few seconds.
W2AP-D1D-R/Q
AI
The **W2AP-D1D-R/Q** is an industrial-grade component typically associated with **Weidmüller** (often within their u-remote or signal converter series) or similar automation hardware manufacturers. It functions primarily as a **signal converter or digital-to-analog interface module**.
Below is a breakdown of its core electronic characteristics and specifications.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Digital to Analog Signal Converter / Interface Module |
| **Input Signal** | PWM (Pulse Width Modulation) or Digital Input |
| **Output Signal** | 0 to 10 V or 4 to 20 mA (Standard Analog) |
| **Power Supply** | 24 V DC (Typical industrial standard) |
| **Mounting** | DIN Rail (TS 35) |
| **Connection Type** | Screw or Tension Clamp (Depending on specific suffix) |
| **Accuracy** | < 0.1% of end value |
---
## 2. Key Electronic Components & Design
### A. Signal Isolation
The module utilizes **optocouplers** or **magnetic isolators** to provide galvanic isolation between the input and output circuits. This protects sensitive PLC (Programmable Logic Controller) inputs from electrical noise and voltage spikes occurring on the field side.
### B. Signal Conditioning (The "D1D" Logic)
The "D1D" designation usually refers to the internal conversion logic:
* **D (Digital):** It accepts a digital pulse-train or high/low signal.
* **A (Analog):** It processes that digital input into a linear analog voltage or current.
* **Processing:** It uses an internal **Microcontroller or ASIC** to calculate the duty cycle of the input signal and translate it into a stable analog output using a **Digital-to-Analog Converter (DAC)**.
### C. Output Stages
The output stage features an operational amplifier (Op-Amp) configuration designed to drive low-impedance loads (for voltage) or high-impedance loops (for current). It often includes short-circuit protection and thermal shutdown features.
---
## 3. Terminal Mapping (Typical)
*Please verify with the specific datasheet provided by the manufacturer.*
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 / 2** | Input + / - | Digital pulse signal input |
| **3 / 4** | Supply + / - | 24V DC Power source |
| **5 / 6** | Output + / - | Analog Signal (0-10V or 4-20mA) |
---
## 4. Application Use Cases
* **Variable Frequency Drives (VFDs):** Converting a PLC's digital output pulse into a 0-10V speed reference.
* **Proportional Valves:** Controlling hydraulic or pneumatic valves that require precise analog current.
* **Legacy Integration:** Bridging modern digital sensors with older analog recording equipment.
✨ Follow-up Questions
⤷
What is the maximum frequency range for the digital input of the W2AP-D1D-R/Q?
⤷ Does this module require a separate external power supply for the output loop?
⤷ What are the specific environmental ratings (IP rating) for this hardware?