Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2AC-ACBY-R

  • AI
    The **W2AC-ACBY-R** is a specific electronic component, typically categorized as a **Terminal Block Connector** or a **Wiring Interface Module**, often used in industrial automation (specifically within the LS Electric or specialized PLC ecosystems). Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications The part is designed to facilitate the connection between internal controller wiring and external field devices. | Feature | Specification | | :--- | :--- | | **Type** | Interface Terminal Block (Common Type) | | **Connector Type** | MIL Connector (usually 40-pin or 20-pin variations) | | **Terminal Pitch** | 7.0 mm (Standard for industrial screw terminals) | | **Mounting Type** | DIN Rail Mount (Standard 35mm) | | **Wiring Direction** | Vertical / Side entry (depending on specific revision) | | **Rating** | AC/DC 125V, 1A | --- ### 2. Internal Electronic Components While these modules look like simple plastic blocks, they contain several key electronic elements to ensure signal integrity: 1. **PCB (Printed Circuit Board):** A multi-layer fiberglass board that routes signals from the high-density MIL connector to individual screw terminals. 2. **MIL Connector Header:** A gold-plated pin header designed to connect via a ribbon cable to a PLC (Programmable Logic Controller) I/O module. 3. **Terminal Screws/Clamps:** Zinc-plated or brass alloy screws that provide high-torque mechanical pressure for secure wire contact. 4. **Trace Isolation:** The PCB layout is designed with specific clearance and creepage distances to prevent short-circuiting between AC and DC signals. 5. **Status LEDs (Optional):** Some variants within this series include SMD LEDs and current-limiting resistors to indicate power or signal status for each channel. --- ### 3. Usage & Connectivity The **W2AC-ACBY-R** serves as a bridge. In industrial control panels, it eliminates the need for manual soldering or direct wiring to sensitive PLC pins. * **Input Side:** Connected via a pre-fabricated "Round Cable" (hence the 'R' in the suffix) to an I/O card. * **Output Side:** Field wires (sensors, actuators, limit switches) are screwed into the terminals. --- ### 4. Key Advantages * **Maintenance:** Allows for quick replacement of the PLC without disconnecting every individual field wire. * **Space Saving:** High-density design allows more I/O points in a smaller footprint compared to traditional rail terminals. * **Vibration Resistance:** The screw-clamp mechanism is designed to withstand the vibrations of industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What are the compatible PLC models for the W2AC-ACBY-R?
    • ⤷ What is the difference between the 'R' suffix and the standard version?
    • ⤷ How do I troubleshoot a signal failure on this terminal block?