Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • W2AC-AACB-R2/N

  • AI
    Based on the part number provided, this identifies as a high-performance **2.4GHz Wi-Fi / Bluetooth Module**, typically manufactured by vendors like **AzureWave** or **FN-Link**, often utilizing a Realtek or Broadcom chipset. These modules are common in IoT devices, smart appliances, and industrial controllers. --- ### 1. Key Technical Specifications The "W2AC" prefix generally denotes a module supporting the **802.11ac** standard (Wi-Fi 5) with integrated Bluetooth. | Feature | Specification | | :--- | :--- | | **Wireless Standard** | Wi-Fi 802.11 a/b/g/n/ac | | **Bluetooth** | BT 4.2 / 5.0 Dual Mode (BR/EDR + LE) | | **Frequency Band** | 2.4GHz & 5GHz (Dual Band) | | **Interface** | SDIO 3.0 (Wi-Fi) / UART (Bluetooth) | | **Antenna Design** | External via MHF4/IPEX connector or PCB trace | | **Voltage Supply** | 3.3V (Typical) | --- ### 2. Component Architecture The module is comprised of several critical electronic sub-sections: * **Main SoC (System on Chip):** Likely a **Realtek RTL8821** or similar. This chip handles the MAC, Baseband, and Radio functionality for both Wi-Fi and BT. * **Crystal Oscillator:** Provides the reference clock (usually 40MHz) required for precise frequency synthesis. * **RF Front End:** Includes the Power Amplifier (PA) for transmission and Low Noise Amplifier (LNA) for reception. * **Power Management (PMU):** Internal LDOs that step down the 3.3V input to core voltages (1.1V - 1.8V). * **Band Pass Filters:** Essential for reducing interference between the 2.4GHz and 5GHz bands. --- ### 3. Pinout and Connectivity Concepts To integrate this part into a PCB, engineers typically focus on these connection groups: ```yaml Connectivity_Groups: - Power: VDD_3V3, GND - Wi-Fi_Interface: SDIO_CLK, SDIO_CMD, SDIO_DATA_0-3 - BT_Interface: UART_TX, UART_RX, UART_RTS, UART_CTS - Control: CHIP_EN (Reset), BT_WAKE, HOST_WAKE ``` --- ### 4. Common Applications Due to its small form factor and low power consumption, this specific module series is used in: 1. **OTT Boxes:** Android TV sticks and media players. 2. **IP Cameras:** High-definition video streaming over 5GHz Wi-Fi. 3. **Industrial Tablets:** Reliable dual-band connectivity for mobile workstations. 4. **Smart Home Hubs:** Bridging Bluetooth mesh devices to a Wi-Fi network.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for this module in deep-sleep mode?
    • ⤷ Which specific driver package is required for Linux integration of this chipset?
    • ⤷ Can this module support simultaneous Wi-Fi and Bluetooth operation without interference?